Electronic Components Datasheet Search
  English  ▼

X  

CLS0361 Datasheet(PDF) 1 Page - CUI INC

Part # CLS0361
Description  LOW PROFILE SPEAKER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CLS0361 Datasheet(HTML) 1 Page - CUI INC

  CLS0361 Datasheet HTML 1Page - CUI INC CLS0361 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date
page
PART NUMBER:
DESCRIPTION:
11/2010
1 of 2
SPEAKER
CLS0361
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2383 www.cui.com
SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
nominal size
36 mm
impedance
at 1 kHz, 1 V
6.8
8
9.2
resonant frequency
at 1 V
288
360
432
Hz
sound pressure level
1 W, 50 cm ave., at 0.5, 0.6, 0.8, 1 kHz
85
88
91
dB
response
10 dB max.
Fo
20,000
Hz
input power
23
W
operation
must be normal at program source
2
W
buzz, rattle, etc.
must be normal at sine wave
4
V dc
magnet
size: 12.5 x 1.5 mm
load test
24 hours of white noise at
2
W
heat test
20 ~ 50% RH for 24 hours
63
65
67
°C
humidity test
90 ~ 95% RH for 24 hours
38
40
42
°C
operating temperature
-25
60
°C
storage temperature
-40
70
°C
RoHS
yes
FREQUENCY RESPONSE CURVE
parameter
conditions/description
potentiometer range
50 dB
rectifier
RMS
lower limit frequency
20 Hz
wr. speed
100 mm/sec
zero level
60 dB
For more information, please visit the product page.


Similar Part No. - CLS0361

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CLS0361 CUID-CLS0361 Datasheet
1,019Kb / 3P
SPEAKER
08/05/2022
logo
CUI INC
CLS0361-L152 CUI-CLS0361-L152 Datasheet
329Kb / 2P
LOW PROFILE SPEAKER
logo
CUI Devices
CLS0361-L152 CUID-CLS0361-L152 Datasheet
947Kb / 3P
SPEAKER
08/05/2022
More results

Similar Description - CLS0361

ManufacturerPart #DatasheetDescription
logo
CUI INC
CLS0231-L152 CUI-CLS0231-L152 Datasheet
202Kb / 2P
LOW PROFILE SPEAKER
CLS0261MAE-L152 CUI-CLS0261MAE-L152 Datasheet
819Kb / 2P
LOW PROFILE SPEAKER
CLS0281MP CUI-CLS0281MP Datasheet
839Kb / 2P
LOW PROFILE SPEAKER
CLS0301MP-1 CUI-CLS0301MP-1 Datasheet
140Kb / 2P
LOW PROFILE SPEAKER
CLS0362MA-1-L152 CUI-CLS0362MA-1-L152 Datasheet
353Kb / 2P
LOW PROFILE SPEAKER
CLS0402MA-1-L152 CUI-CLS0402MA-1-L152 Datasheet
380Kb / 2P
LOW PROFILE SPEAKER
CLS0501M CUI-CLS0501M Datasheet
345Kb / 2P
LOW PROFILE SPEAKER
CLS0201MA CUI-CLS0201MA Datasheet
785Kb / 2P
LOW PROFILE SPEAKER
CLS0301 CUI-CLS0301 Datasheet
350Kb / 2P
LOW PROFILE SPEAKER
CLS0571M-L152 CUI-CLS0571M-L152 Datasheet
176Kb / 2P
LOW PROFILE SPEAKER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com