Electronic Components Datasheet Search
  English  ▼

X  

CP30 Datasheet(PDF) 5 Page - CUI INC

Part # CP30
Description  3.0 A PELTIER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP30 Datasheet(HTML) 5 Page - CUI INC

  CP30 Datasheet HTML 1Page - CUI INC CP30 Datasheet HTML 2Page - CUI INC CP30 Datasheet HTML 3Page - CUI INC CP30 Datasheet HTML 4Page - CUI INC CP30 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CUI Inc
│ SERIES: CP30 │ DESCRIPTION: 3.0 A PELTIER MODULE
date
05/07/2012 │ page 5 of 5
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
09/03/2009
1.01
applied new template
05/07/2012
The revision history provided is for informational purposes only and is believed to be accurate.
MECHANICAL DRAWING
REVISION HISTORY
COLD SIDE
Black (-)
Red (+)
L
W
3.0
7.0
100.0 5.0
Cold Side
Hot Side
0.01
3.8
0.80 (TYP)
MATERIAL
PLATING
ceramic plate
Al
203 (Alumina)
sealer
silicon rubber RTV
lead wire
UL1430 (22AWG)
tin
joint cover
silicon rubber RTV
units: mm
MODEL
LENGTH x WIDTH (mm)
CP30138
15 x 15 ±0.3
CP30238
20 x 20 ±0.3
CP30338
30 x 30 ±0.3
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com