Electronic Components Datasheet Search
  English  ▼

X  

CP30338 Datasheet(PDF) 1 Page - CUI INC

Part # CP30338
Description  3.0 A PELTIER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP30338 Datasheet(HTML) 1 Page - CUI INC

  CP30338 Datasheet HTML 1Page - CUI INC CP30338 Datasheet HTML 2Page - CUI INC CP30338 Datasheet HTML 3Page - CUI INC CP30338 Datasheet HTML 4Page - CUI INC CP30338 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
05/07/2012
page
1 of 5
SERIES:
CP30 │ DESCRIPTION: 3.0 A PELTIER MODULE
date
05/07/2012
page
1 of 5
FEATURES
• solid state device
• small and lightweight
• precise temperature control
• quiet operation
RoHS
MODEL
input
voltage
input
current
output
Qmax1
output
∆Tmax2
max
(V)
max
(A)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP30138
3.8
3
6.5
7.2
66
72
CP30238
8.6
3
15
16.7
66
72
CP30338
15.4
3
27
30.1
66
72
Notes:
1. maximum cooling capacity at I
max, Vmax, and ∆T=0°C
2. maximum temperature difference at I
max, Vmax, and Q=0W (maximum parameters are measured in a vacuum)
GENERAL
parameter
conditions/description
min
typ
max
units
internal resistance3
CP30138
CP30238
CP30338
0.9
2.07
3.6
1.0
2.3
4.0
1.1
2.53
4.4
Ω
Ω
Ω
solder melting temperature
connection between termoelectric pairs
138
°C
assembly compression
98.07
10
N/cm2
kgf/cm2
hot side plate
80
°C
MTBF
200,000
hours
Notes:
3. measured by AC 4-terminal method at 25°C
For further information and product selection refer to peltier applicaftion notes.pdf
CP30 X 38
Base Number
PART NUMBER KEY
Thickness
Length/Width:
1 = 15 x 15 mm
2 = 20 x 20 mm
3 = 30 x 30 mm
For more information, please visit the product page.


Similar Part No. - CP30338

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP30338 CUI-CP30338 Datasheet
143Kb / 3P
PELTIER MODU LE
logo
CUI Devices
CP30338 CUID-CP30338 Datasheet
340Kb / 6P
PELTIER MODULE
08/05/2022
logo
CUI INC
CP303385H CUI-CP303385H Datasheet
625Kb / 6P
PELTIER MODULE
CP303385H CUI-CP303385H Datasheet
626Kb / 6P
PELTIER MODULE
CP303385H CUI-CP303385H Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
More results

Similar Description - CP30338

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP20 CUI-CP20 Datasheet
289Kb / 5P
2.0 A PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com