Electronic Components Datasheet Search
  English  ▼

X  

CP60140 Datasheet(PDF) 9 Page - CUI INC

Part # CP60140
Description  PELTIER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP60140 Datasheet(HTML) 9 Page - CUI INC

Back Button CP60140 Datasheet HTML 3Page - CUI INC CP60140 Datasheet HTML 4Page - CUI INC CP60140 Datasheet HTML 5Page - CUI INC CP60140 Datasheet HTML 6Page - CUI INC CP60140 Datasheet HTML 7Page - CUI INC CP60140 Datasheet HTML 8Page - CUI INC CP60140 Datasheet HTML 9Page - CUI INC CP60140 Datasheet HTML 10Page - CUI INC CP60140 Datasheet HTML 11Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
cui.com
date 09/09/2016
│ page 9 of 11
CUI Inc
│ SERIES: CP60 │ DESCRIPTION: PELTIER MODULE
70
60
50
40
30
20
10
0
0
0
10
20
30
4.0
8.0
6.0 A
4.8 A
3.6 A
2.4 A
1.2 A
6.0 A
4.8 A
3.6 A
2.4 A
1.2 A
T=Th-Tc (°C)
CP60340 PERFORMANCE (Th=27°C)
70
60
50
40
30
20
10
0
0
0
10.0
20.0
30.0
4.0
8.0
6.0 A
4.8 A
3.6 A
2.4 A
1.2 A
6.0 A
4.8 A
3.6 A
2.4 A
1.2 A
T=Th-Tc (°C)
CP60340 PERFORMANCE (Th=50°C)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com