Electronic Components Datasheet Search
  English  ▼

X  

CP60240 Datasheet(PDF) 2 Page - CUI INC

Part # CP60240
Description  PELTIER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP60240 Datasheet(HTML) 2 Page - CUI INC

  CP60240 Datasheet HTML 1Page - CUI INC CP60240 Datasheet HTML 2Page - CUI INC CP60240 Datasheet HTML 3Page - CUI INC CP60240 Datasheet HTML 4Page - CUI INC CP60240 Datasheet HTML 5Page - CUI INC CP60240 Datasheet HTML 6Page - CUI INC CP60240 Datasheet HTML 7Page - CUI INC CP60240 Datasheet HTML 8Page - CUI INC CP60240 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
cui.com
date 09/09/2016
│ page 2 of 11
CUI Inc
│ SERIES: CP60 │ DESCRIPTION: PELTIER MODULE
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
internal resistance1
CP60133
CP60233
CP60333
CP60140
CP60240
CP60301540
CP60340
CP60440
0.45
1.08
1.98
0.261
0.477
0.513
1.089
1.953
0.50
1.20
2.20
0.29
0.53
0.57
1.21
2.17
0.55
1.32
2.42
0.319
0.583
0.627
1.331
2.387
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
solder melting temperature
connection between thermoelectric pairs
138
°C
assembly compression
all other models
CP60301540
0.98
1
MPa
MPa
hot side plate
80
°C
RoHS
2011/65/EU
Note:
1. Measured by AC 4-terminal method at 25°C
MECHANICAL DRAWING
units: mm
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
7 3.0
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
20AWG
tin
sealer
siliconrubber703RTV(betweencold
and hot side plates)
joint cover
siliconrubber703RTV
marking
P/N & S/N printed on cold side
surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP60133
15 ±0.3
15 ±0.3
3.3 ±0.1
CP60233
20 ±0.3
20 ±0.3
3.3 ±0.1
CP60333
30 ±0.3
30 ±0.3
3.3 ±0.1
CP60140
15 ±0.3
15 ±0.3
4.0 ±0.1
CP60240
20 ±0.3
20 ±0.3
4.0 ±0.1
CP60301540
30 ±0.3
15 ±0.3
4.05 ±0.1
CP60340
30 ±0.3
30 ±0.3
4.0 ±0.1
CP60440
40 ±0.3
40 ±0.3
4.0 ±0.1
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com