Electronic Components Datasheet Search
  English  ▼

X  

MA101 Datasheet(PDF) 13 Page - Megawin Technology Co., Ltd

Part # MA101
Description  Low-speed USB Specification version 1.1 compliance
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MA101 Datasheet(HTML) 13 Page - Megawin Technology Co., Ltd

Back Button MA101 Datasheet HTML 9Page - Megawin Technology Co., Ltd MA101 Datasheet HTML 10Page - Megawin Technology Co., Ltd MA101 Datasheet HTML 11Page - Megawin Technology Co., Ltd MA101 Datasheet HTML 12Page - Megawin Technology Co., Ltd MA101 Datasheet HTML 13Page - Megawin Technology Co., Ltd MA101 Datasheet HTML 14Page - Megawin Technology Co., Ltd MA101 Datasheet HTML 15Page - Megawin Technology Co., Ltd MA101 Datasheet HTML 16Page - Megawin Technology Co., Ltd MA101 Datasheet HTML 17Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
This document information is the intellectual property of Megawin Technology Co., Ltd.
page13/30
MEGAWIN
MA101
Datasheet Version 1.02
MAKE YOU WIN
C1
MA101
SDA / SCL
R2
VCC
VBUS
R1
Figure 5-3 : Circuit diagram
tR
tF
Figure 5-4 : Bus Rising/Falling waveform diagram
CL/SDA rising time and falling time with internal pull high resistor table
S
VBUS
Internal Pull
Capacitance
Rising Time (tR)
Falling Time (tF)
Hig
1)
h Resistor (R
(C1)
(10% to 90%)
(90% to 10%)
R1
None
1.64 us
13.2 ns
5.0 V
R1
47p F
4.05 us
22.1 ns
Note: This parame
characterized
100% tested
CL/SDA rising time and falling time with external pull high resistor table:
ter is
but not
.
S
VCC
External Pull
Capacitance
Rising Time (tR)
Falling Time (tF)
Hi
2)
gh Resistor (R
(C1)
(10% to 90%)
(90% to 10%)
4.7K Ohm
None
0.28 us
13.7 ns
5.0V
4.7K Ohm
47p F
0.73 us
22.1 ns
4.7K Ohm
None
0.29 us
12.5 ns
3.3 V
4.7K Ohm
47p F
0.76 us
20.7 ns
Note: This para
cterized
100% tested
meter is chara
but not
.
© Megawin Technology Co., Ltd. 2009 All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com