Electronic Components Datasheet Search
  English  ▼

X  

CP60440 Datasheet(PDF) 1 Page - CUI INC

Part # CP60440
Description  PELTIER MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP60440 Datasheet(HTML) 1 Page - CUI INC

  CP60440 Datasheet HTML 1Page - CUI INC CP60440 Datasheet HTML 2Page - CUI INC CP60440 Datasheet HTML 3Page - CUI INC CP60440 Datasheet HTML 4Page - CUI INC CP60440 Datasheet HTML 5Page - CUI INC CP60440 Datasheet HTML 6Page - CUI INC CP60440 Datasheet HTML 7Page - CUI INC CP60440 Datasheet HTML 8Page - CUI INC CP60440 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
cui.com
date 09/09/2016
page 1 of 11
SERIES: CP60
│ DESCRIPTION: PELTIER MODULE
FEATURES
• solid state device
• precise temperature control
• quiet operation
MODEL
input
voltage1
input
current2
output
Qmax3
output
∆Tmax4
max
(Vdc)
max
(A)
T
h=27°C
(W)
T
h=50°C
(W)
T
h=27°C
(°C)
T
h=50°C
(°C)
CP60133
3.8
6.0
12.2
13.6
66
72
CP60233
8.6
6.0
27.9
31.2
66
72
CP60333
15.4
6.0
50.5
56.5
66
72
CP60140
2.1
6.0
7.1
7.9
68
75
CP60240
3.8
6.0
13.0
14.5
68
75
CP60301540
4.2
6.0
14.5
16.1
68
75
CP60340
8.6
6.0
29.0
32.4
68
75
CP60440
15.4
6.0
53.0
59.3
68
75
Notes:
1.MaximumvoltageatΔTmaxandT
h=27°C
2.MaximumcurrenttoachieveΔTmax
3. Maximum heat absorbed at cold side occurs at I
max, Vmax,and∆T=0°C
4. Maximum temperature difference occurs at I
max, Vmax,andQ=0W(ΔTmaxmeasuredinavacuumat1.3Pa)
PART NUMBER KEY
Base Number
Thickness:
33 = 3.3 mm
40 = 4.0 mm
CP60 XXXX XXX
Length x Width:
1 = 15 x 15 mm
2 = 20 x 20 mm
3 = 30 x 30 mm
41 = 40 x 40 mm
30151 = 30 x 15 mm
Notes:
1. Only available in
4.0mmthickness
For more information, please visit the product page.


Similar Part No. - CP60440

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP60440 CUI-CP60440 Datasheet
142Kb / 3P
PELTIER MODU LE
logo
CUI Devices
CP60440 CUID-CP60440 Datasheet
583Kb / 12P
PELTIER MODULE
08/05/2022
logo
Same Sky Devices
CP60440 SAMESKY-CP60440 Datasheet
510Kb / 11P
PELTIER MODULE
09/12/2024
More results

Similar Description - CP60440

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
PELTIER MODULE
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
PELTIER MODULE
CP120 CUI-CP120 Datasheet
297Kb / 4P
PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
PELTIER MODULE
11/09/2020
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
PELTIER MODULE
10/18/2019
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
PELTIER MODULE
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com