Electronic Components Datasheet Search
  English  ▼

X  

DF11 Datasheet(PDF) 14 Page - Hirose Electric

Part # DF11
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11 Datasheet(HTML) 14 Page - Hirose Electric

Back Button DF11 Datasheet HTML 6Page - Hirose Electric DF11 Datasheet HTML 7Page - Hirose Electric DF11 Datasheet HTML 8Page - Hirose Electric DF11 Datasheet HTML 9Page - Hirose Electric DF11 Datasheet HTML 10Page - Hirose Electric DF11 Datasheet HTML 11Page - Hirose Electric DF11 Datasheet HTML 12Page - Hirose Electric DF11 Datasheet HTML 13Page - Hirose Electric DF11 Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
116
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
sPrecautions
1. Recommended Temperature Profile (SMT)
2. Recommended Manual Soldering Condition (SMT)
3. Recommended Screen Thickness (SMT)
4. Board Warp age (SMT)
5. Recommended Soldering Condition(Through hole)
6. Cleaning Condition
7. Connection Condition
Note1: UP to 2 cycles of Reflow soldering are possible under the same conditions, provided that
there is a return to normal temperature between the first and second cycle
Note2: The temperature profile indicates the board surface temperature at the point of contacts
with the connector terminals.
Note3: This reflow profile is for the connectors packaged in embossed tape(reel), with desiccant in
the package.
Note4: Reflow temperature for SMT connectors in another package is 240ç, 10 sec.max.
Soldering iron temperature: 290±10ç, Soldering time: Within 2 seconds
0.15 to 0.2mm
Based on the both connector edges, 0.03mm max. is allowed in the connector center area.
Flow: 250ç for 10 seconds
Manual soldering: 290ç for 2 seconds
Refer to the "Nylon Connector Use Hand book".
Refer to the "Nylon Connector Use Hand book".
180±10
100
150
200
250
230
Time (S)
Temperature (ç)
60s max
10s max
100 to 120s
165±5
100
150
200
240
230
Time (S)
Temperature (ç)
60s max
10s max
90 to 120s
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com