Electronic Components Datasheet Search
  English  ▼

X  

DF14 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF14
Description  1.25mm Pitch Super Low profile Crimping Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF14 Datasheet(HTML) 7 Page - Hirose Electric

  DF14 Datasheet HTML 1Page - Hirose Electric DF14 Datasheet HTML 2Page - Hirose Electric DF14 Datasheet HTML 3Page - Hirose Electric DF14 Datasheet HTML 4Page - Hirose Electric DF14 Datasheet HTML 5Page - Hirose Electric DF14 Datasheet HTML 6Page - Hirose Electric DF14 Datasheet HTML 7Page - Hirose Electric DF14 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
B240
DF14 Seriesq1.25mm Pitch Super Low profile Crimping Connector
BEmbossed Carrier Tape Dimensions (JIS-C-0806)
DF14H-*P- 1.25H
s 2 Contacts
s 20, 30 Contacts
Inserted Connector
Number of Contacts
A
B
C
D
DF14H- 2P-1.25H
2
24
11.5
24.4
–
–
–
DF14H- 20P-1.25H
20
44
20.2
44.4
40.4
DF14H- 30P-1.25H
30
56
26.2
56.4
52.4
Unit: mm
0.3±0.1
Unreeling direction
B — B
C — C
B
B
C
C
12±0.1
2±0.1
4±0.1
(3)
Unreeling direction
0.3±0.1
(3)
12±0.1
2±0.1
4±0.1
Product name label
2±0.5
Ø21±0.8
C
+2
0
(C+6)MAX
Ø1.5 Lead hole depth
A
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com