Electronic Components Datasheet Search
  English  ▼

X  

DF19 Datasheet(PDF) 12 Page - Hirose Electric

Part # DF19
Description  1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19 Datasheet(HTML) 12 Page - Hirose Electric

Back Button DF19 Datasheet HTML 5Page - Hirose Electric DF19 Datasheet HTML 6Page - Hirose Electric DF19 Datasheet HTML 7Page - Hirose Electric DF19 Datasheet HTML 8Page - Hirose Electric DF19 Datasheet HTML 9Page - Hirose Electric DF19 Datasheet HTML 10Page - Hirose Electric DF19 Datasheet HTML 11Page - Hirose Electric DF19 Datasheet HTML 12Page - Hirose Electric DF19 Datasheet HTML 13Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
B264
DF19 Series
●1mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
BUse recommendations
Manual soldering : 290±10ç for 3 seconds
0.15mm
Maximum of 0.03mm at the connector center, with both ends of the connector as
reference points.
Refer to “Wire-to-Board Connector Use Handbook.”
Refer to “Wire-to-Board Connector Use Handbook.”
■ Do not twist when mating/un-mating.
Refer to “Wire-to-Board Connector Use Handbook.”
1. Recommendedtemperature profile
2. Manual soldering
3. Screen thickness
4. Board warpage
5. Cleaning conditions
6. Termination conditions
7. Cautions
8. Precautions
Note 1 : Up to 2 cycles of Reflow soldering are possible under the same
conditions, provided that there is a return to normal temperature
between the first and second cycle.
Note 2 : The temperature profile indicates the board surface temperature at
the point of contacts with the connector terminals.
Note 3 : The product can be used without trouble though the surface of a
grounding plate might discolor.
Temperature(ç)
250ç
200ç
150ç
100ç
50ç
60 to 120(S)
250ç
10(s)max
220ç min 60(s)max
Preheating
180
220
30
50
100
150
200
soldering
TIME(S)
B253-265 DF19 16.5.25 15:42 ページ B264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com