Electronic Components Datasheet Search
  English  ▼

X  

PJ-030D Datasheet(PDF) 1 Page - CUI INC

Part # PJ-030D
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-030D Datasheet(HTML) 1 Page - CUI INC

  PJ-030D Datasheet HTML 1Page - CUI INC PJ-030D Datasheet HTML 2Page - CUI INC PJ-030D Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 05/04/2016
page 1 of 3
cui.com
MODEL: PJ-030D
│ DESCRIPTION: DC POWER JACK
FEATURES
• 1.3 mm center pin
• 2.0 A rating
• right angle orientation
• through hole mount
• open frame
• kinked pins
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
24
Vdc
rated input current
2.0
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
at 50/60Hz for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
terminal strength
any direction for 10 seconds
500
g
operating temperature
-25
85
°C
life
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
1. When measured at a current of less than 100 mA/1 kHz
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
dipped in solder pot for 5 ±0.5 seconds
255
260
265
°C
For more information, please visit the product page
|
For information on related products, view External Power Supplies


Similar Part No. - PJ-030D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-030D-SMT CUI-PJ-030D-SMT Datasheet
87Kb / 1P
1.3mm SURFACE MOUNT POWER JACK
PJ-030DH CUI-PJ-030DH Datasheet
283Kb / 3P
DC POWER JACK
PJ-030DH-SMT CUI-PJ-030DH-SMT Datasheet
209Kb / 3P
DC POWER JACK
PJ-030DH-SMT-TR CUI-PJ-030DH-SMT-TR Datasheet
309Kb / 4P
DC POWER JACK
logo
CUI Devices
PJ-030DH-SMT-TR CUID-PJ-030DH-SMT-TR Datasheet
1Mb / 4P
DC POWER JACK
03/20/2023
More results

Similar Description - PJ-030D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
DC POWER JACK
PJ-034-SMT CUI-PJ-034-SMT Datasheet
153Kb / 3P
DC POWER JACK
PJ-036AH-SMT CUI-PJ-036AH-SMT Datasheet
149Kb / 3P
DC POWER JACK
PJ-038-SMT CUI-PJ-038-SMT Datasheet
154Kb / 3P
DC POWER JACK
PJ-034A CUI-PJ-034A Datasheet
229Kb / 1P
DC POWER JACK
PJ-018 CUI-PJ-018 Datasheet
238Kb / 1P
DC POWER JACK
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
DC POWER JACK
PJ-048H CUI-PJ-048H Datasheet
182Kb / 3P
DC POWER JACK
PJ-051AH CUI-PJ-051AH Datasheet
24Kb / 1P
DC POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com