Electronic Components Datasheet Search
  English  ▼

X  

SP-25401 Datasheet(PDF) 2 Page - CUI INC

Part # SP-25401
Description  2.5 mm STEREO PLUG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SP-25401 Datasheet(HTML) 2 Page - CUI INC

  SP-25401 Datasheet HTML 1Page - CUI INC SP-25401 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
date 08/30/2013 page 2 of 2
CUIoffersaone(1)yearlimitedwarranty.Completewarrantyinformationislistedonourwebsite.
CUIreservestherighttomakechangestotheproductatanytimewithoutnotice.InformationprovidedbyCUIisbelievedtobeaccurateandreliable.However,noresponsibilityis
assumedbyCUIforitsuse,norforanyinfringementsofpatentsorotherrightsofthirdpartieswhichmayresultfromitsuse.
CUIproductsarenotauthorizedorwarrantedforuseascriticalcomponentsinequipmentthatrequiresanextremelyhighlevelofreliability.Acritical
componentisanycomponentofalifesupportdeviceorsystemwhosefailuretoperformcanbereasonablyexpectedtocausethefailureofthelifesupportdeviceorsystem,orto
affectitssafetyoreffectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin,OR97062
800.275.4899
Fax503.612.2383
cui.com
techsupport@cui.com
model: SP-25401
2.5 mm STEREO PLUG
description:
cUi inc
rev.
description
date
1.0
initial release
05/05/2011
1.01
bodymaterialchangedtoTPR
08/30/2013
Therevisionhistoryprovidedisforinformationalpurposesonlyandisbelievedtobeaccurate.
reVision HistorY
For more information, please visit the product page.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com