Electronic Components Datasheet Search
  English  ▼

X  

DF59 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF59
Description  2mm Pitch, Multi Functional Connector System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF59 Datasheet(HTML) 4 Page - Hirose Electric

  DF59 Datasheet HTML 1Page - Hirose Electric DF59 Datasheet HTML 2Page - Hirose Electric DF59 Datasheet HTML 3Page - Hirose Electric DF59 Datasheet HTML 4Page - Hirose Electric DF59 Datasheet HTML 5Page - Hirose Electric DF59 Datasheet HTML 6Page - Hirose Electric DF59 Datasheet HTML 7Page - Hirose Electric DF59 Datasheet HTML 8Page - Hirose Electric DF59 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DF59 Series●2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
[Specification No.]
(51) : Gold plating, emboss packaging
Straight Receptacle (SMT)
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
D
E
DF59-2S-2V(51)
667-0001-0 51
2
7.2
5.3
2.0
6.0
6.62
DF59-3S-2V(51)
667-0002-3 51
3
9.2
7.3
4.0
8.0
8.62
DF59-4S-2V(51)
667-0003-6 51
4
11.2
9.3
6.0
10.0
10.62
DF59-2S-4V(51)
667-0021-8 51
2*
9.2
7.3
4.0
8.0
8.62
* DF59-2S-4V(51) is made by removing the middle pin of DF59-3S-2V(51) at the factory.
Note : Please order in full reel quantities. (2,000 pcs/reel)
Unreeling Direction
F
F
G
G
G-G
F-F
12±0.1
4±0.1
2±0.1
●Packaging Dimensions
●Recommended PCB Dimensions (t=1.6mm)
[Specification No.]
(50) : Gold plating,
tray packaging
Floating Plug
17.1
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
Packaged Quantity/Tray
DF59-2P-2FC(50)
667-0006-4 50
2
7.2
2.0
50
DF59-3P-2FC(50)
667-0007-7 50
3
9.2
4.0
DF59-4P-2FC(50)
667-0008-0 50
4
11.2
6.0
DF59-2P-4FC(50)
667-0020-5 50
2*
9.2
4.0
* DF59-2P-4FC(50) is made by removing the middle pin of DF59-3P-2FC(50) at the factory.
Note : Please order in full tray quantities. (50 pcs/tray)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com