Electronic Components Datasheet Search
  English  ▼

X  

DF60 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF60
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF60 Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF60 Datasheet HTML 3Page - Hirose Electric DF60 Datasheet HTML 4Page - Hirose Electric DF60 Datasheet HTML 5Page - Hirose Electric DF60 Datasheet HTML 6Page - Hirose Electric DF60 Datasheet HTML 7Page - Hirose Electric DF60 Datasheet HTML 8Page - Hirose Electric DF60 Datasheet HTML 9Page - Hirose Electric DF60 Datasheet HTML 10Page - Hirose Electric DF60 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
DF60 Series
●65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
■ In-line plug 
CAV No.
15.9 0.4
12.4 0.3
E 0.3
A
B
D
C
E
D±0.3
C±0.2
B±0.3
A±0.3
In-line plugs with 1 to 4 pos.
Inline plug with 5 pos.
Panel cutout
13.5±0.3
(B+1)
±0.3
C
±0.2
R0.5MAX
Ø3.6±0.1
The torque value for attaching screws is 49N
3 pos.
5 pos.
Standard Type
Unit : mm
Part No.
HRS No.
No. of Contacts
AB
C
D
E
Guide key
Color
DF60-1EP-10.16C
680-3050-2
1
——
15.2
23.7
32.2
10.6
Left
Black
DF60-2EP-10.16C
680-3025-5
2
——
22.36
30.86
39.36
20.76
DF60-3EP-10.16C
680-3026-8
3
20.32
32.52
41.02
49.52
30.92
DF60-4EP-10.16C
680-3027-0
4
30.48
42.68
51.18
59.68
41.08
DF60-5EP-10.16C
680-3028-3
5
40.64
52.84
61.34
69.84
51.24
Standard Type [Color : Red]
Part No.
HRS No.
No. of Contacts
AB
C
D
E
Guide key
Color
DF60-1EP-10.16C(15)
680-3050-2 15
1
——
15.2
23.7
32.2
10.6
Left
Red
DF60-2EP-10.16C(15)
680-3025-5 15
2
——
22.36
30.86
39.36
20.76
DF60-3EP-10.16C(15)
680-3026-8 15
3
20.32
32.52
41.02
49.52
30.92
R Type
Part No.
HRS No.
No. of Contacts
AB
C
D
E
Guide key
Color
DF60R-2EP-10.16C
680-3053-0
2
——
22.36
30.86
39.36
20.76
Right
Gray
DF60R-3EP-10.16C
680-3054-0
3
20.32
32.52
41.02
49.52
30.92
Note : Please place orders in full lot quantities
1 package = 100 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com