Electronic Components Datasheet Search
  English  ▼

X  

LM390 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM390
Description  LM390 1W Battery Operated Audio Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM390 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM390 Datasheet HTML 1Page - National Semiconductor (TI) LM390 Datasheet HTML 2Page - National Semiconductor (TI) LM390 Datasheet HTML 3Page - National Semiconductor (TI) LM390 Datasheet HTML 4Page - National Semiconductor (TI) LM390 Datasheet HTML 5Page - National Semiconductor (TI) LM390 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Applications
TLH7848 – 3
FIGURE 1 Load Returned to Ground
(Amplifier with Gain e 20)
TLH7848 – 4
FIGURE 2 Load Returned to Supply
(Amplifier with Gain e 20)
TLH7848 – 7
FIGURE 3
TLH7848 – 8
FIGURE 4 Amplifier with Gain e 200 and Minimum CB
TLH7848 – 9
FIGURE 5 25W Bridge Amplifier
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com