Electronic Components Datasheet Search
  English  ▼

X  

DF64-1822PC Datasheet(PDF) 3 Page - Hirose Electric

Part # DF64-1822PC
Description  4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF64-1822PC Datasheet(HTML) 3 Page - Hirose Electric

  DF64-1822PC Datasheet HTML 1Page - Hirose Electric DF64-1822PC Datasheet HTML 2Page - Hirose Electric DF64-1822PC Datasheet HTML 3Page - Hirose Electric DF64-1822PC Datasheet HTML 4Page - Hirose Electric DF64-1822PC Datasheet HTML 5Page - Hirose Electric DF64-1822PC Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
DF64 Series●4.5 mm pitch, Horizontal Mating 2-Piece System Connectors
■Right angle receptacle
A
1
P=4.5
4.7
Part Number.
HRS No.
No. of Contacts
A
B
DF64-2S-4.5H
667-1002-9-00
2
14.4
11.8
DF64-3S-4.5H
Under development
3
18.9
16.3
(Note) This product is sold 500 connectors per reel. Please order by full reel quantities.
Part Number
HRS No.
No. of Contacts
C
D
DF64-2S-4.5H
667-1002-9-00
2
32
28.4
DF64-3S-4.5H
Under development
3
44
40.4
Recommended PCB layout (t=1.6 mm)
B±0.05
2±0.05
2±0.05
1.5±0.05
P=4.5±0.05
●Tape and Reel dimensions
Unreeling direction
F-F
F
F
E-E
E
E
P=24±0.1
2±0.15
P=4±0.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com