Electronic Components Datasheet Search
  English  ▼

X  

DF62-22SCF Datasheet(PDF) 7 Page - Hirose Electric

Part # DF62-22SCF
Description  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62-22SCF Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF62-22SCF Datasheet HTML 3Page - Hirose Electric DF62-22SCF Datasheet HTML 4Page - Hirose Electric DF62-22SCF Datasheet HTML 5Page - Hirose Electric DF62-22SCF Datasheet HTML 6Page - Hirose Electric DF62-22SCF Datasheet HTML 7Page - Hirose Electric DF62-22SCF Datasheet HTML 8Page - Hirose Electric DF62-22SCF Datasheet HTML 9Page - Hirose Electric DF62-22SCF Datasheet HTML 10Page - Hirose Electric DF62-22SCF Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
DF62 Series / DF62W Series●2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
BSocket contact No. Summary diagram (from the mating section side)
BPlug contact No. Summary diagram (from the mating section side)
BContact No. diagram
2
1
2 pos.
3
1
2
3 pos.
3
4
2
1
4 pos.
5
4
3
1
2
5 pos.
6
45
2
13
6 pos.
67
5
4
3
1
2
7 pos.
12 13
11
10
89
7
5
46
3
1
2
13 pos.
23 24
22
21
16 17 18
20
19
14 15
13
12
11
9
810
67
45
2
13
24 pos.
21
2 pos.
3
1
2
3 pos.
3
4
21
4 pos.
4
5
21
3
5 pos.
5
4
6
3
1
2
6 pos.
6
7
4
53
1
2
7 pos.
12
13
11
8
10 9
76
4
5
21
3
13 pos.
3
5
41
2
9
10
6
87
15 14 13
11
12
17 16
18
19
20
24 23
21
22
24 pos.
No.1
No.2
No.3
No.4
No.5
No.6
No.7
No.8
No.10
No.11
No.12
No.13
No.15
No.16
No.20
No.21
No.22
No.23
No.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com