Electronic Components Datasheet Search
  English  ▼

X  

DS1135L Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1135L
Description  3V 3-in-1 High-Speed Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1135L Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1135L Datasheet HTML 1Page - Dallas Semiconductor DS1135L Datasheet HTML 2Page - Dallas Semiconductor DS1135L Datasheet HTML 3Page - Dallas Semiconductor DS1135L Datasheet HTML 4Page - Dallas Semiconductor DS1135L Datasheet HTML 5Page - Dallas Semiconductor DS1135L Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS1135-L
5 of 6
TEST CONDITIONS
Ambient Temperature: 25
°C ± 3°C
Supply Voltage (VCC ): 3.3V
± 0.1V
Input Pulse:
High: 3.0V
± 0.1V
Low: 0.0V
± 0.1V
Source Impedance: 50
W Max.
Rise and Fall Time: 3.0ns Max. — Measured between 0.6V and 2.4V.
Pulse Width: 500ns
Pulse Period: 1
ms
Output Load Capacitance: 15pF
Output: Each output is loaded with the equivalent of one 74F04 input gate.
Data is measured at the 1.5V level on the rising and falling edges.
Note: The above conditions are for test only and do not restrict the devices under other data sheet
conditions.
TIMING DIAGRAM
NOTES:
1. All voltages are referenced to ground.
2. Power-up time is the time from the application of power to the time stable delays are being produced
at the output.
tFALL
80%
tRISE
20%
IN
OUT
1.5V
1.5V
tWI
tWI
PERIOD
1.5V
1.5V
1.5V
tPLH
tPHL
tOF
tOR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com