Electronic Components Datasheet Search
  English  ▼

X  

DS1285 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1285
Description  Real Time Clock
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1285 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1285 Datasheet HTML 1Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DS1285/DS1285Q
Real Time Clock
DS1285/DS1285Q
050898 1/1
FEATURES
• Drop-in replacement for IBM AT computer clock/ca-
lendar
• Pin configuration closely matches MC146818A
• Counts seconds, minutes, hours, day of the week,
date, month, and year with leap year compensation
• Binary or BCD representation of time, calendar, and
alarm
• 12- or 24-hour clock with AM and PM in 12-hour mode
• Daylight Savings Time option
• Selectable between Motorola and Intel bus timing
• Multiplex bus for pin efficiency
• Interfaced with software as 64 RAM locations
– 14 bytes of clock and control registers
– 50 bytes of general purpose RAM
• Programmable square wave output signal
• Bus compatible interrupt signals (IRQ)
• Three interrupts are separately software-maskable
and testable
– Time-of-day alarm once/second to once/day
– Periodic rates from 122
µs to 500 ms
– End of clock update cycle
• Optional 28-pin PLCC surface mount package
DESCRIPTION
The DS1285 Real Time Chip is a direct replacement for
the MC146818A in IBM AT computer clock/calendar
and other applications. For a complete description of
operating conditions, electrical and mechanical charac-
teristics, bus timing, and pin descriptions see the
DS12885 data sheet.
PIN ASSIGNMENT
DS1285 24–PIN DIP
VCC
SQW
NC
RCLR
VBAT
IRQ
RESET
DS
GND
R/W
AS
CS
MOT
X1
X2
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
43
21
RCLR
VBAT
IRQ
RESET
DS
GND
R/W
28 27 26
25
24
23
22
21
20
19
DS1285Q 28-PIN PLCC
12 13 14 15 16 17 18
AD0
AD1
AD2
AD3
AD4
AD5
NC
5
6
7
8
9
10
11
PIN DESCRIPTION
AD0-AD7
– Multiplexed Address/Data Bus
NC
– No Connection
MOT
– Bus Type Selection
CS
– Chip Select
AS
– Address Strobe
R/W
– Read/Write Input
DS
– Data Strobe
RESET
– Reset Input
IRQ
– Interrupt Request Output (open drain)
SQW
– Square Wave Output
VCC
–
+5 Volt Supply
GND
– Ground
X1,X2
– 32.768 KHz Crystal Connections
VBAT
– +3 Volt Battery Input
RCLR
– RAM Clear


Similar Part No. - DS1285

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1283 DALLAS-DS1283 Datasheet
55Kb / 5P
Watchdog Timekeeper Chip
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
Watchdog Timekeeper Chip
DS1284 DALLAS-DS1284 Datasheet
384Kb / 18P
Watchdog Timekeepers
DS1284N DALLAS-DS1284N Datasheet
384Kb / 18P
Watchdog Timekeepers
DS1284Q DALLAS-DS1284Q Datasheet
384Kb / 18P
Watchdog Timekeepers
More results

Similar Description - DS1285

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
REAL-TIME CLOCK
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
REAL-TIME CLOCK
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
Real Time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
Real time clock
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
Real Time Clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
Real Time Clock
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com