Electronic Components Datasheet Search
  English  ▼

X  

KUIP Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # KUIP
Description  KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KUIP Datasheet(HTML) 3 Page - TE Connectivity Ltd

  KUIP Datasheet HTML 1Page - TE Connectivity Ltd KUIP Datasheet HTML 2Page - TE Connectivity Ltd KUIP Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
Industrial Relays
KUIP/KUGP Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Terminal assignment
1 Form C
2 Form C
3 Form C
2 Form A (delete 1 & 3)
3 Form A (delete 1, 2 & 3)
Product code structure
Typical product code
KUIP
-5
A
5
5
-120
Type
KUIP Enclosed relay with 8mm contact to coil spacing
KUGP Enclosed relay with 3mm open contact spacing and 8mm contact to coil spacing (form A only)
Contact arrangement and rating
5
1 form C (1 CO) 1)
7
2 form A (2 NO)
11 2 form C (2 CO) 1)
12 3 form A (3 NO)
14 3 form C (3 CO) 1)
1) not available on KUGP type
Coil Input
A AC, 50/60Hz
D DC
Mounting and options
1
Socket mount (plain) case
5
Bracket mount case
T
Top flange case
Terminal and contact material
3
1.19mm (.047in) PCB, Ag
5
4.75mm (.187in) quick connect/solder; AgCdO
7
1.19mm (.047in) PCB, AgCdO
Coil voltage
Coil code: please refer to coil versions table
Product Code
Arrangement
Material
Coil
Terminals
Mounting
Part Number
KUGP-7D55-24
2 Form A, 2 NO
AgCdO
24 VDC
4.75mm (.187in) QC
Bracket mount case
2-1393114-4
KUIP-5A55-120
1 Form C; 1 CO
120 VAC
2-1393115-0
KUIP-11D55-12
2 Form C; 2 CO
12 VDC
1-1393115-0
KUIP-11D55-24
24 VDC
1-1393115-1
KUIP-14A15-120
3 Form C; 3 CO
120 VAC
Socket mount, plain case
1-1393115-4
KUIP-14D15-12
12 VDC
1-1393115-6
KUIP-14D15-24
24 VDC
1-1393115-7
Terminal dimensions
4.75mm (.187) quick connect
1.19mm (.047) printed circuit
.156
(3.96)
.032
(.81)
THICKNESS
.093
(2.36)
HEADER
.237
(6.02)
.268 REF.
(6.81)
.047
(1.19)
.180
(4.57)
.156
(3.96)
.125
(3.18)
.078
(1.98)
.187±.002
(4.75±.05)
.250
(6.35)
281 REF.
(7.14)
THICKNESS
.020
(.51)
HEADER
A
B
7
4
1
9
6
3
A
B
7
4
1
9
6
3
8
5
2
A
B
8
5
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com