Electronic Components Datasheet Search
  English  ▼

X  

LPXO Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # LPXO
Description  SMD-OSCILLATOR SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

LPXO Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  LPXO Datasheet HTML 1Page - PETERMANN-TECHNIK LPXO Datasheet HTML 2Page - PETERMANN-TECHNIK LPXO Datasheet HTML 3Page - PETERMANN-TECHNIK LPXO Datasheet HTML 4Page - PETERMANN-TECHNIK LPXO Datasheet HTML 5Page - PETERMANN-TECHNIK LPXO Datasheet HTML 6Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE 1 OF 6
I SPEC 01 I REV.00 I OCTOBER 2016
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
+ High reliability for low cost
+ Cheapest available SMD-LPXO
+ Available in 1.8, 2.6, 2.8, 3.0 and 3.3 VDC (1.7-3.5 VDC)
+ New standard for low cost SMD-LPXOs
+ Qualified for automotive applications
+ Extended temperature range to -40/+85°C available
GENERAL DATA
FEATURES
MINIATURE LOW COST SMD-LPXO
SERIES “LPXO“
PB FREE / ROHS-2 2011/65/EU COMPLIANT
PARAMETERS
PRODUCT FEATURES AND CONDITIONS
SMD-OSCILLATOR SERIES
LPXO
PACKAGE
LPXO1612
1.6 x 1.2 x 0.5 mm3
LPXO2016
2.0 x 1.6 x 0.7 mm3
LPXO2520
2.5 x 2.0 x 0.8 mm3
LPXO3225
3.2 x 2.5 x 0.9 mm3
FREQUENCY RANGE
LPXO1612
16.0 ~ 60.0 MHz
LPXO2016
12.288 ~ 52.0 MHz
LPXO2520
9.6 ~ 52.0 MHz
LPXO3225
9.6 ~ 52.0 MHz
OPERATING TEMPERATURE RANGE
0/+70°C ~ -40/+85°C
STORAGE TEMPERATURE RANGE
-55/+125°C
STANDARD FREQUENCY
19.2 / 20 / 25 / 26 / 30 / 32 / 38.4 / 40 / 52 MHz
SUPPLY VOLTAGE (VDD)
+1.8V / +2.6V / +2.8V / +3.0V / +3.3V
CURRENT CONSUMPTION
+1.5mA max.(f≤26 MHz)/+2.0mA max.(26<f≤52 MHz)/+2.5mA max.(f≤60 MHz)
OUTPUT LEVEL
0.8 Vp-p min. (f≤52 MHz) (Clipped Sinewave / DC-coupled)
OUTPUT LOAD
10kΩ // 10pF
FREQUENCY
STABILITY
INITIAL TOLERANCE
± 1.5 ppm max. (after 2 reflows)
VS. TEMPERATURE
±1.0ppm, ± 2.5ppm max. /-30~+85°C
±1.0ppm, ± 2.5 ppm max. / -40~+85°C
Other parameters are available on request
VS. SUPPLY VOLTAGE
± 0.2 ppm max. (VDD±5%)
VS. LOAD VARIATION
± 0.2 ppm max. (10kΩ // 10pF±10%)
VS. AGING
±1.0 ppm max. / year (ref. +25°C)
Start–up Time
2.0 ms max.
Phase Noise
[f ≤ 26MHz]
[26<f≤40MHz]
[40MHz<f≤52MHz]
Offset 100Hz
-115dBc/Hz
110dBc/Hz
105dBc/Hz
Offset 1kHz
-135dBc/Hz
135dBc/Hz
130dBc/Hz
Offste 10kHz
-150dBc/Hz
150dBc/Hz
145dBc/Hz
Offset 100kHz
-155dBc/Hz
155dBc/Hz
150dBc/Hz
DELIVERY FORM
Tape and Reel / 2.000 pcs. per reel, other quantities are available on request
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION


Similar Part No. - LPXO

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPX CDE-LPX Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX Datasheet
371Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
logo
Astec America, Inc
LPX-40 ASTEC-LPX-40 Datasheet
148Kb / 1P
Cover Enclosure Kit
logo
Artesyn Technologies
LPX100 ARTESYN-LPX100 Datasheet
1Mb / 2P
Installation Notes LPX100 ??Cover Enclosure Kit
logo
Cornell Dubilier Electr...
LPX101M350A1P3 CDE-LPX101M350A1P3 Datasheet
158Kb / 3P
85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results

Similar Description - LPXO

ManufacturerPart #DatasheetDescription
logo
MMD Components
MJHK MMD-MJHK_12 Datasheet
113Kb / 2P
MJHK Series 3.2X5 Ceramic SMD Oscillator
MQSC MMD-MQSC_12 Datasheet
116Kb / 2P
MQSC & MQST Series Ceramic SMD Oscillator
logo
Oscilent Corporation
CO-435 OSCILENT-CO-435 Datasheet
169Kb / 2P
435 Series SMD Crystal Oscillator
CO-495 OSCILENT-CO-495 Datasheet
142Kb / 2P
495 Series SMD Crystal Oscillator
CO-920 OSCILENT-CO-920 Datasheet
141Kb / 2P
920 Series SMD Crystal Oscillator
CO-921 OSCILENT-CO-921 Datasheet
141Kb / 2P
921 Series SMD Crystal Oscillator
logo
Fox Electronics
FSS53 FOX-FSS53 Datasheet
398Kb / 3P
SMD Oscillator
FSS72 FOX-FSS72 Datasheet
215Kb / 3P
SMD Oscillator
FSS73 FOX-FSS73 Datasheet
216Kb / 3P
SMD Oscillator
logo
Kingtronics Internation...
QKT-OSC5032 KINGTRONICS-QKT-OSC5032 Datasheet
215Kb / 1P
SMD OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com