Electronic Components Datasheet Search
  English  ▼

X  

M2012 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # M2012
Description  SMD-CRYSTAL SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M2012 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  M2012 Datasheet HTML 1Page - PETERMANN-TECHNIK M2012 Datasheet HTML 2Page - PETERMANN-TECHNIK M2012 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE 1 OF 3
I SPEC 01 I REV.00 I MAY 2015
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
+ Smallest available low cost watch crystal
+ Ultra low profile
+ Standard operating temperature range of -40/+85°C
+ Excellent clock generator for CPU's, Wireless, Mobile Comm., etc.
GENERAL DATA
FEATURES
PARAMETERS
PRODUCT FEATURES AND CONDITIONS
SMD-CRYSTAL SERIES
M2012
NUMBER OF SOLDER PADS
2
FREQUENCY RANGE
32.768 kHz
FREQUENCY TOLERANCES AT 25°C
±20 ppm (standard) / ±10 ppm ~ ±100 ppm (option)
LOAD CAPACITANCE (CL)
12.5 pF (standard)
6,7,9 and 10pF available on request
WORKING TEMPERATURE RANGE
-40/+85°C
RESONANCE RESISTANCE
90 kΩ max.
SHUNT CAPACITANCE (Co)
1.0 pF typ.
TURNOVER TEMPERATURE
+25°C ±5°C
PARABOLIC COEFFICIENT
-0.04 ppm/°C²
DRIVE LEVEL
0.2 µW typical (0.5 μW max.)
AGING
±3 ppm max. per year
INSULATION RESISTANCE
>500 MΩ DC/100V ±10%
STORAGE TEMPERATURE
-40°/+85°C
DELIVERY FORM
Tape and Reel (1.000 ~ 3.000 pcs per reel)
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
SMD WATCH CRYSTAL 32.768 kHz
SERIES M2012 STANDARD (2 pad housing 2.0x1.2mm)
DIMENSIONS
PB FREE / ROHS-2 2011/65/EU COMPLIANT


Similar Part No. - M2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012 ETC1-M2012 Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
M2012 ETC2-M2012 Datasheet
343Kb / 10P
General Specifications
M2012 ETC2-M2012 Datasheet
1Mb / 12P
Miniature Toggles
logo
Nihon Kaiheiki Industry...
M2012A130 NKK-M2012A130 Datasheet
338Kb / 10P
General Specifications
M2012A132 NKK-M2012A132 Datasheet
338Kb / 10P
General Specifications
More results

Similar Description - M2012

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-7XDN ECS-CSM-7XDN Datasheet
146Kb / 1P
SMD CRYSTAL
CSM-7X-DU ECS-CSM-7X-DU Datasheet
145Kb / 1P
SMD CRYSTAL
ECX-1637 ECS-ECX-1637 Datasheet
272Kb / 2P
SMD CRYSTAL
ECX-2236 ECS-ECX-2236 Datasheet
228Kb / 2P
SMD CRYSTAL
ECX-42 ECS-ECX-42 Datasheet
112Kb / 1P
SMD CRYSTAL
ECX-1637 ECS-ECX-1637_14 Datasheet
687Kb / 3P
SMD CRYSTAL
logo
PETERMANN-TECHNIK
HC-49-US PETERMANN-HC-49-US Datasheet
624Kb / 5P
SMD-CRYSTAL SERIES
HC-493US PETERMANN-HC-493US Datasheet
630Kb / 5P
SMD-CRYSTAL SERIES
logo
ECS, Inc.
ECX-2236B2 ECS-ECX-2236B2 Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
ECX-1637B2 ECS-ECX-1637B2 Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com