Electronic Components Datasheet Search
  English  ▼

X  

LM3911 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3911
Description  LM3911 Temperature Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3911 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM3911 Datasheet HTML 1Page - National Semiconductor (TI) LM3911 Datasheet HTML 2Page - National Semiconductor (TI) LM3911 Datasheet HTML 3Page - National Semiconductor (TI) LM3911 Datasheet HTML 4Page - National Semiconductor (TI) LM3911 Datasheet HTML 5Page - National Semiconductor (TI) LM3911 Datasheet HTML 6Page - National Semiconductor (TI) LM3911 Datasheet HTML 7Page - National Semiconductor (TI) LM3911 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Applications (Continued)
Over Temperature Detectors With Common Output
Trip Point e VZ
R1
R1 a R2
RS e
(V a b68V)
0001 A a
68V
R1 a R2
TLH5701 – 5
Two-Wire Remote AC Electronic Thermostat (Gas or Oil Furnace Control)
TLH5701 – 8
Solenoid or 6b15W heater
Pot will provide about a 50 Fto90 F setting range The trim resistor (100k) is selected
to bring 70 F near the middle of the pot rotation
SCR heating by proper positioning can preheat the sensor giving control anticipa-
tion as is presently used in many home thermostats
Electronic Thermostat
SENSITIVE GATE TRIAC
IGTes5mA
RCA T2300 40529
OR SIMILAR
Set temperature
SCR turns on power to fan or
cooler when temperature in-
TLH5701 – 9
creases
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com