Electronic Components Datasheet Search
  English  ▼

X  

HT46R22 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT46R22
Description  8-Bit A/D Type MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R22 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT46R22 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R22 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Application Circuits
HT46R22/HT46C22
Rev. 1.10
26
October 2, 2002
N o t e : T h e r e s i s t a n c e a n d c a p a c i t a n c e f o r r e s e t c i r c u i t s h o u l d b e d e s i g n e d
t o e n s u r e t h a t t h e V D D i s s t a b l e a n d r e m a i n s i n a v a l i d r a n g e o f t h e
o p e r a t i n g v o l t a g e b e f o r e b r i n g i n g R E S t o h i g h .
P D 0 / P W M
H T 4 6 R 2 2 /
H T 4 6 C 2 2
P C 0 ~ P C 1
P A 3 / P . D
P A 4 / T M R
P A 5 / I N T
O S C 1
O S C 2
O S C
C i r c u i t
S e e b e l o w
P A 6 / S D A
P A 7 / S C L
P B 0 / A N 0
P B 7 / A N 7
P A 0 ~ P A 2
R O S C
f S Y S / 4
O S C 1
O S C 2
R C s y s t e m o s c i l l a t o r
3 0 k W < R O S C < 7 5 0 k W
C r y s t a l s y s t e m o s c i l l a t o r
C 1 = C 2 = 3 0 0 p . , i f f S Y S < 1 M H z
O t h e r w i s e , C 1 = C 2 = 0
O S C 1
O S C 2
C 2
C 1
V D D
4 7 0 p .
R E S
0 . 1 m .
1 0 0 k W
V D D
5 V
V S S
0 . 1 m .
1 0 k W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com