Electronic Components Datasheet Search
  English  ▼

X  

HT46R23 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R23
Description  8-Bit OTP Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R23 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
HT46R23
8-Bit OTP Microcontroller
I2C is a trademark of Philips Semiconductors.
Rev. 1.30
1
August 17, 2001
General Description
The device is an 8-bit high performance RISC-like
microcontroller designed for multiple I/O product appli-
cations. It is particularly suitable for use in products
such as washing machine controllers and home appli-
ances. A HALT feature is included to reduce power con-
sumption.
The program and option memories can be electrically
programmed, making this microcontroller suitable for
product development applications.
Features
· Operating voltage:
fSYS=4MHz: 3.3V~5.5V
fSYS=8MHz: 4.5V~5.5V
· 23 bidirectional I/O lines (max.)
· 1 interrupt input shared with an I/O line
· 16-bit programmable timer/event counter with overflow
interrupt and 7-stage prescaler
· On-chip crystal and RC oscillator
· Watchdog Timer
· 4096´15 program memory PROM
· 192´8 data memory RAM
· Supports PFD for sound generation
· HALT function and wake-up feature reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 8-level subroutine nesting
· 8 channels 10-bit resolution (9-bit accuracy) A/D con-
verter
· 2-channel (6+2)/(7+1)-bit PWM output shared with
two I/O lines
· Bit manipulation instruction
· 15-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· Low voltage reset function
· I2C BUS (slave mode)
· 24/28-pin SKDIP/SOP package


Similar Part No. - HT46R23

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R23 HOLTEK-HT46R23 Datasheet
348Kb / 48P
A/D Type 8-Bit MCU
May 3, 2004
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
A/D Type 8-Bit MCU
November 23, 2005
More results

Similar Description - HT46R23

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R05A-1 HOLTEK-HT48R05A-1 Datasheet
294Kb / 44P
8-Bit OTP Microcontroller
February 25, 2000
HT48R06A-1 HOLTEK-HT48R06A-1 Datasheet
319Kb / 44P
8-Bit OTP Microcontroller
February 25, 2000
logo
Feeling Technology Corp...
FM8PB53B FEELING-FM8PB53B Datasheet
2Mb / 55P
OTP-Based 8-Bit Microcontroller
FM8PB56B FEELING-FM8PB56B Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE51M FEELING-FM8PE51M Datasheet
2Mb / 72P
OTP-Based 8-Bit Microcontroller
FM8PE53B FEELING-FM8PE53B Datasheet
2Mb / 53P
OTP-Based 8-Bit Microcontroller
FM8PE53M FEELING-FM8PE53M Datasheet
2Mb / 52P
OTP-Based 8-Bit Microcontroller
FM8PE59M FEELING-FM8PE59M Datasheet
3Mb / 72P
OTP-Based 8-Bit Microcontroller
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P569A EMC-EM78P569A Datasheet
812Kb / 76P
8-Bit OTP Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com