Electronic Components Datasheet Search
  English  ▼

X  

LM3914 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3914
Description  Dot/Bar Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3914 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3914 Datasheet HTML 11Page - National Semiconductor (TI) LM3914 Datasheet HTML 12Page - National Semiconductor (TI) LM3914 Datasheet HTML 13Page - National Semiconductor (TI) LM3914 Datasheet HTML 14Page - National Semiconductor (TI) LM3914 Datasheet HTML 15Page - National Semiconductor (TI) LM3914 Datasheet HTML 16Page - National Semiconductor (TI) LM3914 Datasheet HTML 17Page - National Semiconductor (TI) LM3914 Datasheet HTML 18Page - National Semiconductor (TI) LM3914 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Application Hints (Continued)
Other Applications
•
“Slow” — fade bar or dot display (doubles resolution)
•
20-step meter with single pot brightness control
•
10-step (or multiples) programmer
•
Multi-step or “staging” controller
•
Combined controller and process deviation meter
•
Direction and rate indicator (to add to DVMs)
•
Exclamation point display for power saving
•
Graduations can be added to dot displays. Dimly light ev-
ery other LED using a resistor to ground
•
Electronic “meter-relay” — display could be circle or
semi-circle
•
Moving “hole” display — indicator LED is dark, rest of bar
lit
•
Drives vacuum-fluorescent and LCDs using added pas-
sive parts
Non-Interacting Adjustments for Expanded Scale Meter (4.5V to 5V, Bar
or Dot Mode)
DS007970-16
Adjusting Linearity of Several Stacked Dividers
DS007970-17
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com