Electronic Components Datasheet Search
  English  ▼

X  

ASR390E Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASR390E
Description  SMD ONE PORT 390 MHz SAW RESONATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASR390E Datasheet(HTML) 1 Page - Abracon Corporation

  ASR390E Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
SMD ONE PORT 390 MHz SAW RESONATOR
SMD ONE PORT 390 MHz SAW RESONATOR
|||| | ||||||||| |
ASR390E
5 x 5 x 1.5mm
Dimensions: inch (mm)
MARKING:
- 390R
(
390 Frequency in MHz)
- A ZYX
(ZY: Date code Z for month
from A to L; Y for year,
I.e. 4 for 2004
X: Traceability code)
PIN NO. CONNECTIONS
2
6
4,8
Others
GND
Input
Output
Case GND
0.1±.006
(2.54±0.15)
0.20±.008
(5.0±0.2)
3
5
3
5
0.04±.004
(1.0±0.1)
7
6
8
8
0.08
(2.08)
1
2
1
2
7
6
0.047
(1.20)
0.059max.
(1.5)
R0.0079
(0.2)
0.05
(1.27)
4
4
FREQUENCY RESPONSE:
OUTLINE DRAWING:
Electrostatic Sensitive Device. Handle with precaution.
Data measured with: Source Impedance: Zs=50Ω, Load Impedance: ZL=50Ω, TA=25°C
Center Frequency Fo
Tolerance from Fo
Insertion Loss
Quality Factor
Unloaded
50Ω loaded
Temperature Stability
Turnover Temperature
Turnover Frequency
Freq. Temp. Coefficient
Frequency Aging
DC Insulation Resistance
RF Equivalent RLC Model
Motional Resistance R1
Motional Inductance L1
Motional Capacitance C1
Shunt Capacitance C0
Operating temp.
°C
Storage temp.
°C
Max. Rating
DC voltage
V
RF Power Dissipation
dBm
STANDARD SPECIFICATIONS:
MAX.
390.100
2.0
<±10
100
4.0
MHz
KHz
dB
-
°C
KHz
ppm/°C2
ppm/year
MΩ
µ
H
fF
pF
389.900
-
1.0
2.0
390.00
±75
1.2
11,500
1,800
25
Fo+7.7
0.037
22
83
1.97
3.0
-45°C to +85°C
-45°C to +85°C
±10
0
Ω
.
P
Y
T
.
N
I
M
T
I
N
U
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not
specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For
applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for
more information.
ABRACON IS
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
Pb RoHS
Compliant


Similar Part No. - ASR390E

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASR303.825E ABRACON-ASR303.825E Datasheet
682Kb / 1P
SMD ONE PORT 303.825 MHz SAW RESONATOR
ASR315E ABRACON-ASR315E Datasheet
629Kb / 1P
SMD ONE PORT 315.00 MHz SAW RESONATOR
logo
CIT Relay & Switch
ASR31P13P CIT-ASR31P13P Datasheet
655Kb / 8P
CIT SWITCH
ASR31P23P CIT-ASR31P23P Datasheet
655Kb / 8P
CIT SWITCH
ASR31P43P CIT-ASR31P43P Datasheet
655Kb / 8P
CIT SWITCH
More results

Similar Description - ASR390E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0251A TAI-SAW-TC0251A Datasheet
272Kb / 6P
SAW Resonator 390 MHz SMD 3.8X3.8 mm
TC0151A TAI-SAW-TC0151A Datasheet
278Kb / 3P
SAW Resonator 390 MHz
TC0180A TAI-SAW-TC0180A Datasheet
196Kb / 3P
SAW Resonator 390 MHz
TC0204A TAI-SAW-TC0204A Datasheet
352Kb / 4P
SAW Resonator 390 MHz
logo
Abracon Corporation
ASR303.825E ABRACON-ASR303.825E Datasheet
682Kb / 1P
SMD ONE PORT 303.825 MHz SAW RESONATOR
ASR315E ABRACON-ASR315E Datasheet
629Kb / 1P
SMD ONE PORT 315.00 MHz SAW RESONATOR
ASR433.42E ABRACON-ASR433.42E Datasheet
994Kb / 1P
SMD ONE PORT 433.42 MHz SAW RESONATOR
ASR433.92E ABRACON-ASR433.92E Datasheet
743Kb / 1P
SMD ONE PORT 433.92 MHz SAW RESONATOR
ASR915E ABRACON-ASR915E Datasheet
580Kb / 1P
SMD ONE PORT 915 MHz SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TC622.EC-A TAI-SAW-TC622.EC-A Datasheet
197Kb / 3P
SAW One-Port Resonator 622.080 MHz SMD 3.8X3.8
REV. NO.:3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com