Electronic Components Datasheet Search
  English  ▼

X  

ESD5B Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # ESD5B
Description  Low Leakage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

ESD5B Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  ESD5B Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd ESD5B Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd ESD5B Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESD5B Series
Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)@ IT
(Note 1)
IT
C(pF) @VR=0V
F = 1 MHz
Device
Max
Max
Min
Max
mA
Typ
ESD5B5.0
5.0
1.0
5.8
7.8
50
32
*Surge current waveform per Figure 1.
1.
VBR is measured with a pluse test current IT at an ambient temperature of 25℃.
Fig1. Pulse Waveform



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com