Electronic Components Datasheet Search
  English  ▼

X  

ASSFLP Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASSFLP
Description  2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM LOW EMI CLOCK OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSFLP Datasheet(HTML) 1 Page - Abracon Corporation

  ASSFLP Datasheet HTML 1Page - Abracon Corporation ASSFLP Datasheet HTML 2Page - Abracon Corporation ASSFLP Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
| | | |
ASSFLP SERIES
• Laptop computer
• PDA
• LCD
• Digital camera
• Wireless LAN
• Mobile phone
• Printer
• Flat TV
• Spread Spectrum LOW EMI Oscillator
• 5.0 x 3.2 x 1.3mm Ceramic package
• Tri-state function
• Suitable for RoHS reflow profile
• Seam sealed ceramic package
assures high reliability.
5.0 x 3.2 x 1.3 mm
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM
LOW EMI CLOCK OSCILLATOR
Quick Turn Delivery!
<5 Days for small
quantities!
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive -
MSL = N/A: Not Applicable
ESD Sensitive
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.28.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Pb RoHS / RoHS II Compliant
Key Electrical Specifications (Die IC's Part Number PL671-00-A5)
* Frequency stability includes initial tolerance, temperature characteristics, load variation, and supply voltage variation,.
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range:
8
160
MHz
Spread Spectrum Type
Center Spread
±0.25 typ. ~ ±2.0 typ.
%
See table 3 for options
Down Spread
-0.5 typ. ~ -4.0 typ.
EMI Reduction
(Reduction is applied to
the entire frequency
spectrum)
100MHz at C02
-7
dBc
Refer to the dB level
when no modulation.
100MHz at C04
-9
Operating Temperature:
-40
+85
°C
C
°
5
2
1
+
5
5
-
:
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Frequency Stability*:
-50
+50
ppm
See options
Supply Voltage
(Vdd):
Vdd = 3.3V
2.97
3.3
3.63
V
Standard
Vdd = 2.5V
2.25
2.5
2.75
V
Option 1
Input Current:
8.000 to 49.999MHz
10
20
mA
Vdd = 2.5V
50.000 to 79.999MHz
15
20
80.000 to 99.999MHz
20
25
100.0 to 160.0MHz
25
30
8.000 to 49.999MHz
15
20
mA
Vdd = 3.3V
50.000 to 79.999MHz
20
25
80.000 to 99.999MHz
25
30
100.0 to 160.0MHz
30
40
F
p
5
1
=
L
C
,
d
d
V
2
/
1
@
%
5
5
0
5
5
4
:
y
rt
e
m
m
y
S
Rise and Fall
Time (Tr/Tf)**:
8.000 to 49.999MHz
2.0
5.0
ns
Vdd = 2.5V
50.000 to 79.999MHz
2.0
4.0
80.000 to 99.999MHz
1.5
3.0
100.0 to 160.0MHz
1.5
3.0
8.000 to 49.999MHz
3.0
10.0
ns
Vdd = 3.3V
50.000 to 79.999MHz
2.5
8.0
80.000 to 99.999MHz
2.0
5.0
100.0 to 160.0MHz
1.5
4.0
S
O
M
C
F
p
5
1
:
d
a
o
L
t
u
p
t
u
O
Output Voltage:
VOH
0.9*Vdd
V
VOL
0.1*Vdd
V
s
m
0
1
0
.
2
:
e
m
i
T
p
u
-t
r
a
t
S
Tri-state function (Stand-by) :
"1" (VIH≥0.7*Vdd) or Open: Oscillation
"0" (VIH<0.3*Vdd) : Hi Z
Modulation carrier frequency
(Dither rate)
Programmable dependant
( 15kHz to 120kHz )
r
a
e
y
ts
ri
F
C
°
5
2
+
@
m
p
p
0
.
3
+
0
.
3
-
:
g
n
i
g
A


Similar Part No. - ASSFLP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASSFL ABRACON-ASSFL Datasheet
323Kb / 2P
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
More results

Similar Description - ASSFLP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
Low EMI Spectrum Spread Clock
logo
Cypress Semiconductor
FS781 CYPRESS-FS781 Datasheet
196Kb / 12P
Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ASSFL ABRACON-ASSFL Datasheet
323Kb / 2P
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
ASSM ABRACON-ASSM Datasheet
95Kb / 2P
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR
ASSV ABRACON-ASSV Datasheet
411Kb / 4P
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
07.11.07
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ASSV ABRACON-ASSV_08 Datasheet
1Mb / 4P
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
09.24.08
ASSVP ABRACON-ASSVP Datasheet
879Kb / 3P
2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM LOW EMI CLOCK OSCILLATOR
09.17.08
logo
Cypress Semiconductor
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com