Electronic Components Datasheet Search
  English  ▼

X  

3KP10 Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 3KP10
Description  Uni-directional Versions Available
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

3KP10 Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  3KP10 Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 3KP10 Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 3KP10 Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 3KP10 Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd 3KP10 Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3KP5.0A/CA—3KP190A/CA
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 50A
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
3KP5.0
3KP5.0C
5.0
6.40
7.55
10
9.6
312.5
1000.0
3KP5.0A
3KP5.0CA
5.0
6.40
7.25
10
9.2
326.1
1000.0
3KP6.0
3KP6.0C
6.0
6.67
8.45
10
11.4
263.2
1000.0
3KP6.0A
3KP6.0CA
6.0
6.67
7.67
10
10.3
291.3
1000.0
3KP6.5
3KP6.5C
6.5
7.22
9.14
10
12.3
243.9
500.0
3KP6.5A
3KP6.5CA
6.5
7.22
8.30
10
11.2
267.9
500.0
3KP7.0
3KP7.0C
7.0
7.78
9.86
10
13.3
225.6
200.0
3KP7.0A
3KP7.0CA
7.0
7.78
8.95
10
12.0
250.0
200.0
3KP7.5
3KP7.5C
7.5
8.33
10.67
1.0
14.3
209.8
50.0
3KP7.5A
3KP7.5CA
7.5
8.33
9.58
1.0
12.9
232.6
50.0
3KP8.0
3KP8.0C
8.0
8.89
11.3
1.0
15.0
200.0
10.0
3KP8.0A
3KP8.0CA
8.0
8.89
10.23
1.0
13.6
220.6
10.0
3KP8.5
3KP8.5C
8.5
9.44
11.92
1.0
15.9
188.7
5.0
3KP8.5A
3KP8.5CA
8.5
9.44
10.82
1.0
14.4
208.3
5.0
3KP9.0
3KP9.0C
9.0
10.0
12.6
1.0
16.9
177.5
5.0
3KP9.0A
3KP9.0CA
9.0
10.0
11.5
1.0
15.4
194.8
5.0
3KP10
3KP10C
10
11.1
14.1
1.0
18.8
159.6
5.0
3KP10A
3KP10CA
10
11.1
12.8
1.0
17.0
176.5
5.0
3KP11
3KP11C
11
12.2
15.4
1.0
20.1
149.3
5.0
3KP11A
3KP11CA
11
12.2
14.0
1.0
18.2
164.8
5.0
3KP12
3KP12C
12
13.3
16.9
1.0
22.0
136.4
5.0
3KP12A
3KP12CA
12
13.3
15.3
1.0
19.9
150.8
5.0
3KP13
3KP13C
13
14.4
18.2
1.0
23.8
126.1
5.0
3KP13A
3KP13CA
13
14.4
16.5
1.0
21.5
139.5
5.0
3KP14
3KP14C
14
15.6
19.8
1.0
25.8
116.3
5.0
3KP14A
3KP14CA
14
15.6
17.9
1.0
23.2
129.3
5.0
3KP15
3KP15C
15
16.7
21.1
1.0
26.9
111.5
5.0
3KP15A
3KP15CA
15
16.7
19.2
1.0
24.4
123.0
5.0
3KP16
3KP16C
16
17.8
22.6
1.0
28.8
104.2
5.0
3KP16A
3KP16CA
16
17.8
20.5
1.0
26.0
115.4
5.0
3KP17
3KP17C
17
18.9
23.9
1.0
30.5
98.4
5.0
3KP17A
3KP17CA
17
18.9
21.7
1.0
27.6
108.7
5.0
3KP18
3KP18C
18
20.0
25.3
1.0
32.2
93.2
5.0
3KP18A
3KP18CA
18
20.0
23.3
1.0
29.2
102.7
5.0
3KP20
3KP20C
20
22.2
28.1
1.0
35.8
83.8
5.0
3KP20A
3KP20CA
20
22.2
25.5
1.0
32.4
92.6
5.0
※
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com