Electronic Components Datasheet Search
  English  ▼

X  

ICS94228 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS94228
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94228 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS94228 Datasheet HTML 9Page - Integrated Circuit Systems ICS94228 Datasheet HTML 10Page - Integrated Circuit Systems ICS94228 Datasheet HTML 11Page - Integrated Circuit Systems ICS94228 Datasheet HTML 12Page - Integrated Circuit Systems ICS94228 Datasheet HTML 13Page - Integrated Circuit Systems ICS94228 Datasheet HTML 14Page - Integrated Circuit Systems ICS94228 Datasheet HTML 15Page - Integrated Circuit Systems ICS94228 Datasheet HTML 16Page - Integrated Circuit Systems ICS94228 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
ICS94228
0447E—05/07/04
AGP_STOP# Timing Diagram
Notes:
1. All timing is referenced to the internal CPUCLK.
2. AGP_STOP# is an asynchronous input and metastable conditions
may exist. This signal is synchronized to the CPUCLKs inside the
ICS4228.
3. All other clocks continue to run undisturbed.
4. PD# and PCI_STOP# are shown in a high (true) state.
5. Only applies if MODE pin latched 0 at power up.
AGP_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the AGP clocks. for low power
operation. AGP_STOP# is synchronized by the ICS94228. The AGPCLKs will always be stopped in a low state and
start in such a manner that guarantees the high pulse width is a full pulse. AGPCLK on latency is less than AGPCLK
and AGPCLK off latency is less than 3 AGPCLKs. This function is available only with MODE pin latched low.
CPU_STOP# Timing Diagram
CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPUCLKs for low power
operation. CPU_STOP# is synchronized by the ICS94228. All other clocks will continue to run while the CPUCLKs
clocks are disabled. The CPUCLKs will always be stopped in a low state and start in such a manner that guarantees
the high pulse width is a full pulse. CPUCLK on latency is less than 4 CPUCLKs and CPUCLK off latency is less than
4 CPUCLKs.
Notes:
1. All timing is referenced to the internal CPUCLK.
2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is
synchronized to the CPUCLKs inside the ICS94228.
3. All other clocks continue to run undisturbed.
4. PD# and PCI_STOP# are shown in a high (true) state.
PCICLK
CPUCLKT
CPUCLKT_CST
CPUCLKC
CPUCLKC_CSC
PD# (High)
CPU_STOP#
INTERNAL
CPUCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com