Electronic Components Datasheet Search
  English  ▼

X  

SD12C Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # SD12C
Description  Unidirectional Configurations
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SD12C Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  SD12C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SD12C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SD12C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD05C SERIES
Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Symbol
Parameter
Maximum Reverse Peak Pulse Current
IPP
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)@ IT
(Note 1)
IT
VC (V)
@ IPP=5 A*
VC (V)
@ Max IPP*
IPP
(A)*
Device
Max
Max
Min
Max
mA
Typ
Max
Max
SD03C
3.0
10
4.0
6.1
1.0
9.0
13.3
20
SD05C
5.0
10
6.2
7.3
1.0
9.8
14.5
20
SD12C
12
1.0
13.3
15.75
1.0
19
25
12
*Surge current waveform per Figure 1.
1.
VBR is measured with a pluse test current IT at an ambient temperature of 25℃.
Fig1. Pulse Waveform
Fig2. Power Derating



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com