Electronic Components Datasheet Search
  English  ▼

X  

6VM1 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # 6VM1
Description  Slim Power Entry Module Family with Multiple Options
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6VM1 Datasheet(HTML) 8 Page - TE Connectivity Ltd

  6VM1 Datasheet HTML 1Page - TE Connectivity Ltd 6VM1 Datasheet HTML 2Page - TE Connectivity Ltd 6VM1 Datasheet HTML 3Page - TE Connectivity Ltd 6VM1 Datasheet HTML 4Page - TE Connectivity Ltd 6VM1 Datasheet HTML 5Page - TE Connectivity Ltd 6VM1 Datasheet HTML 6Page - TE Connectivity Ltd 6VM1 Datasheet HTML 7Page - TE Connectivity Ltd 6VM1 Datasheet HTML 8Page - TE Connectivity Ltd 6VM1 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
M Series
Slim Power Entry Module Family with Multiple Options (continued)
190
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com





C
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
100V
120V
230V
240V
D
A
5EFM4SC
Case Styles - Filtered Models (continued)
Recommended Panel Cutouts
F
B
.170
4.32
.175
4.45
0.13
3.30
.570
14.5
1.145
29.08
Insert on XM and ZM
models only
4S Models
1S & 4 models
*± .020 [.508]
1.88
47.8
*
1.17
29.7
*
1.13
28.7
*
Dia.
R
.170
4.32
Dia.






Case Dimensions
Part No.
A
B
CD
E
F
G








6VM1
     
     
6VM1C

   

   
6VM1S
     
     
6VM1SC

   

   
6VM2
6VM4
     
     
6VM4C

   

   
6VM2S
6VM4S
     
     
6VM4SC

   

   
3EXM1S
3EZM1S
      
      
3EXM4
3EZM4
      
      
3EXM4S
3EZM4S
      
      
5EHM1
5EFM1
     
     
5EFM1C

   

   
5EHM1S
5EFM1S
     
     
5EFM1SC

   

   
5EHM4
5EFM4
     
     
5EFM4C

   

   
5EHM4S
5EFM4S
     
     
5EFM4SC

   

   



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com