Electronic Components Datasheet Search
  English  ▼

X  

ICS950905 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS950905
Description  Programmable Timing Control Hub??for P4?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950905 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS950905 Datasheet HTML 7Page - Integrated Circuit Systems ICS950905 Datasheet HTML 8Page - Integrated Circuit Systems ICS950905 Datasheet HTML 9Page - Integrated Circuit Systems ICS950905 Datasheet HTML 10Page - Integrated Circuit Systems ICS950905 Datasheet HTML 11Page - Integrated Circuit Systems ICS950905 Datasheet HTML 12Page - Integrated Circuit Systems ICS950905 Datasheet HTML 13Page - Integrated Circuit Systems ICS950905 Datasheet HTML 14Page - Integrated Circuit Systems ICS950905 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS950905
Advance Information
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +5%
PAR AMETER
SYMBOL
COND ITIONS
MIN
TYP
MAX
UN ITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
m A
Input Low C urrent
IIL1
VIN = 0 V; Inputs with no pull-up res is tors
-5
m A
Input Low C urrent
IIL2
VIN = 0 V; Inputs with pull-up res is tors
-200
m A
Operating
C L = 0 pF; Select @ 66M
100
m A
Supply C urrent
C L = Full load
280
m A
IR EF=2.32
20
m A
IR EF= 5m A
37
m A
Input frequency
F
i
V
DD = 3.3 V;
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5
pF
C out
Out put pin capacitance
6
pF
CINX
X1 & X2 pins
27
45
pF
Trans ition Tim e
1
Ttrans
To 1s t cros s ing of target Freq.
3
m S
Settling Tim e
1
Ts
From 1s t cros s ing to 1% target Freq.
3
m S
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
3
m S
tPZH,tPZH
output enable delay (all outputs )
1
10
nS
t
PLZ,tPZH
output dis able delay (all outputs )
1
10
nS
1Guarenteed by des ign, not 100% tes ted in production.
Input C apacitance
1
Delay
I
DD 3.3OP
Power Down
Supply C urrent
IDD3.3PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com