Electronic Components Datasheet Search
  English  ▼

X  

3EHT7M Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 3EHT7M
Description  High Performance RFI Power Line Filters for Medical Equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3EHT7M Datasheet(HTML) 2 Page - TE Connectivity Ltd

  3EHT7M Datasheet HTML 1Page - TE Connectivity Ltd 3EHT7M Datasheet HTML 2Page - TE Connectivity Ltd 3EHT7M Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
41
High Performance Power Line Filters for Medical Equipment (continued)
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
HT Series
Electrical Schematics
LINE
LOAD
3 & 6EHT
LINE
LOAD
10EHT
LINE
LOAD
15EHT
Case Styles
HT1 (3, 6, 10A)
B
C
D
A
E
HT3
Brown
Green/Yellow
Blue
Blue
Brown
A
D
E
C
B
HT6
E
DB
C
2.00 ±0.01
50.80 ±0.25
A

 













 


HT1 (15A)
E DB
A
2.00 ±0.01
50.80 ± 0.25
C

 




HT7 & HT7M
B
D
E
C
A









 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com