Electronic Components Datasheet Search
  English  ▼

X  

20EHT6 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 20EHT6
Description  Low profile design allows for a space-saving design solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

20EHT6 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  20EHT6 Datasheet HTML 1Page - TE Connectivity Ltd 20EHT6 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
PERFORMANCE DATA
CASE STYLES
Part Numbers
A
(max)
B
(max)
C
(max)
D
± .015
± .38
20EHT1
4.55
3.12
2.18
2.0
115.6
79.2
55.4
50.8
20EHT6
4.55
3.12
2.18
2.0
115.6
79.2
55.4
50.8
20EHT1
C
A
D
B
20EHT6
C
A
D
B
Minimum Insertion Loss - Measured in closed 50 Ohm system
Current
Rating
Frequency — MHz
.01
.03
.05
.15
.5
1
2
5
10
20
30
20A
2
10
15
24
29
26
20
14
11
9
5
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Dimensions in inches and millimeters unless otherwise shown. Values in italics are metric equivalents.
Dimenions are shown for reference purposes only. Specifications subject to change.
Customer drawing should be used for all design activity.
Current
Rating
Frequency — MHz
.01
.03
.05
.15
.5
1
2
5
10
20
30
20A
10
17
13
51
70
70
70
70
65
65
50
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
Corcom HT Series 20A Power Line Filters
TE Connectivity
corcom.com
1-1773704-3 JG2 PDF 09/2013
© 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
Corcom, TE Connectivity and TE connectivity (logo) are trademarks. Other logos, product and/or
company names might be trademarks of their respective owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com