Electronic Components Datasheet Search
  English  ▼

X  

2SA2059 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA2059
Description  SILICON PNP EPITAXIAL TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2059 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA2059 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2059 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2059 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2059 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2059 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA2059
2001-10-29
2
Marking
4 F
Figure 1
Switching Time Test Circuit &
Timing Chart
IB2
IB1
20
µs
Output
Input
IB2
IB1
VCC
Duty cycle
< 1%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com