Electronic Components Datasheet Search
  English  ▼

X  

CFN Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # CFN
Description  3-phase Delta Power Line Filter for High Voltage Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CFN Datasheet(HTML) 1 Page - TE Connectivity Ltd

  CFN Datasheet HTML 1Page - TE Connectivity Ltd CFN Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum leakage current at 10% unsymmetrical mains
Line to Ground (3 Phase WYE Center tapped)*:
@ 120 VAC 60 Hz:
5.0 mA
@ 277 VAC 50 Hz:
9.6 mA
*If 2 phases are interrupted, this leakage current
may rise to a significantly higher level
Hipot rating (one minute):
Line to Ground:
2210 VDC
Line to Line:
2158 VDC
Rated Voltage (max):
Phase to Phase:
480 VAC
Phase to Ground:
277 VAC
Operating Frequency:
50/60 Hz
Rated Current:
300 to 600A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
CFN Series
CFN Series
3-phase Delta Power Line Filter for High Voltage Applications
116
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
• Universal high current filter
• Suitable for industrial applications including;
motor drives, inverters, converters, uninterruptible
power supplies and mining equipment
Ordering Information
400 CFN 12
Input / Output Style
12 – Copper bus bar
CFN Series
Current Rating
300, 400, 500, 600A
Specifications
Electrical Schematic
L1
L2
L3
PE
L1
L2
L3
PE
UL Recognized*
Available Part Numbers
300CFN12
400CFN12
500CFN12
600CFN12
*400CFN12 only


Similar Part No. - CFN

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
logo
Clarke International
CFN CLARKE-CFN Datasheet
3Mb / 16P
AIR FRAME NAILER
GC1122 - REV 1
logo
Bourns Electronic Solut...
CFN-A BOURNS-CFN-A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
CFN0402 BOURNS-CFN0402 Datasheet
604Kb / 6P
CFN Series Metal Foil, Current Sense Resistor
CFN0402-FXR055ELF BOURNS-CFN0402-FXR055ELF Datasheet
604Kb / 6P
CFN Series Metal Foil, Current Sense Resistor
More results

Similar Description - CFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM02M8 STMICROELECTRONICS-EMIF03-SIM02M8 Datasheet
380Kb / 10P
3 line IPAD, EMI filter for SIM card applications
07-Oct-2007
logo
Okaya Electric America,...
3SUPF-AH50ER-6-OC OKAYA-3SUPF-AH50ER-6-OC Datasheet
431Kb / 1P
THREE PHASE FILTER DELTA (500VAC).
3SUP-HU10-ER-6 OKAYA-3SUP-HU10-ER-6 Datasheet
324Kb / 1P
THREE PHASE FILTER DELTA.
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
High Performance 3-Phase RFI Power Line Filters for WYE Applications
3EHZ1 MACOM-3EHZ1 Datasheet
272Kb / 2P
High Performance Power Line Filter for Medical Applications
3EHZ1 MACOM-3EHZ1_11 Datasheet
312Kb / 3P
High Performance Power Line Filter for Medical Applications
6FCD10 MACOM-6FCD10_11 Datasheet
269Kb / 5P
3-phase Delta External Power Line Filter for Frequency Converters
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
3-phase WYE RFI Power Line Filters for High Noise Applications
logo
TE Connectivity Ltd
3EHZ1 TEC-3EHZ1 Datasheet
312Kb / 3P
High Performance Power Line Filter for Medical Applications
AYC TEC-AYC Datasheet
171Kb / 3P
3-phase WYE RFI Power Line Filters for High Noise Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com