Electronic Components Datasheet Search
  English  ▼

X  

DB8 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # DB8
Description  Compact RFI High Current DC Inlet Connection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DB8 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  DB8 Datasheet HTML 1Page - TE Connectivity Ltd DB8 Datasheet HTML 2Page - TE Connectivity Ltd DB8 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Compact RFI High Current DC Inlet Filter (continued)
DB Series
Corcom Product Guide
216
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com

    
    

     
Performance Data
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system

    
   

       

         

        

    
    

     

    
   

         

        

         
Differential Mode / Symmetrical (Line to Line)
Case Styles (continued)
DBPL
E
D
F
C
A
Wire #6 AWG, 300V
Extra Flexible
IAW UL10198
(2 x)
Red (RTN)
Black (-VDC)
B
DBRL
E
D
F
C
A
Wire #6 AWG, 300V
Extra Flexible
IAW UL10198
(2 x)
Red (RTN)
Black (-VDC)
B
0.150 Dia.
2x
Recommended Panel Cutout
1.654
42.01
1.370
34.79
1.055
26.79
0.528
13.41
R 0.062
1.57
0.138 Dia. (2x)
3.50
(4x)
Front Mount Panel Cutout
Tolerance ± .005
1.654
42.01
1.3
33.02
Rear Mount Panel Cutout
Tolerance ± .005
R 0.125
3.175
(4x)
0.985
25.01
0.493
12.52
0.138 Dia. (2x)
3.50

  

  

 

Part No.
A
B
C
D
E
F










60DBJ8

    
     
60DB8
60DBF8
     
     
60DBX
     
     
60DBRL
     
     
60DBPL
     
     
Case Dimensions

Insertion/Extraction Tool:
1643922-1*
Crimp per TE spec:
114-13206
Crimp tool:
M22520/23-01
Indenter head:
M22520/23-04
Locator:
M22520/23-11
Connector system locking kit¹:
Contact TE


Accessories / Tooling



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com