Electronic Components Datasheet Search
  English  ▼

X  

6DAS1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 6DAS1
Description  Compact RFI Line Filter with DC Inlet Connection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6DAS1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  6DAS1 Datasheet HTML 1Page - TE Connectivity Ltd 6DAS1 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Styles
DAF1
E
D
C
A
B
Case Dimensions






 

DAS1
D
E
0.23 max.
A
C
B
Rear View
DAFP
E
B
A
D
.551
.380 Max.
.537 Ref.









 

Recommended Panel Cutouts
DAF
DAS
.140
3.56
.12
3.05
.820
20.8
R
Dia. (2)
1.575
40.01
.140
3.56
.234
5.94
.900
22.9
R
Dia. (2)
1.200
30.48
1.575
40.01
1.200
30.48
Back Mount
Front Mount
"A"
0.815
20.70
0.188
4.78
(4x)
R






Part No.
A
B
C
D
E






DAF1





    
DAS1





    
DAFP





    

PC Board Layout
0.551
13.99
0.520
13.21
0.104
2.64
Center pin to panel
.685±.015
17.40.38
Ground
(3 holes)
Performance Data
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Measured in closed 50 Ohm system
4
Compact RFI Line Filter with DC Inlet Connection (continued)
Corcom Product Guide
DA Series
213
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
4



        

          


       

       

      



        

        


       

 
        


        



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com