Electronic Components Datasheet Search
  English  ▼

X  

6DAFP Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 6DAFP
Description  Compact RFI Line Filter with DC Inlet Connection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6DAFP Datasheet(HTML) 1 Page - TE Connectivity Ltd

  6DAFP Datasheet HTML 1Page - TE Connectivity Ltd 6DAFP Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hipot rating (one minute):
Line to Ground:
2250 VDC
LIne to Line:
1450 VDC
Rated Voltage (max):
125 VDC
Rated Current:
3 to 15A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +55°C
In an ambient temperature (Ta) higher than +55°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
UL Recognized
CSA Certified
TUV Certified
• General purpose line filters for DC applications up
to 125VDC.
• Compact with a 3-pin inlet connector
• Available in 3, 6, 10 and 15A versions
• Flange mount with 1/4” or PCB terminals
• Mates with a standard MOLEX* connector
(HCS Series)
Ordering Information
3 DA F 1
Output Styles
1 – .250 [6.3] spade terminals
P – PC board mount pins
Case Style
F – Flange mount
S – Snap-in
DA Series
Current Rating
3, 6, 10 or 15A
Specifications
Electrical Schematic
LINE
LOAD
Available Part Numbers
3DAF1
10DAF1
3DAS1
10DAS1
3DAFP
10DAFP
6DAF1
15DAF1
6DAS1
15DAS1
6DAFP
15DAFP
EN
60 950
DAFP
DAF1
DAS1
Accessories
GA310 – (shown above) Pre-assembled connector
housing and terminals with three 36” long 18 gauge
wires to mate with DA Series filters
MOLEX* connector part numbers:
03-12-1036
Connector housing for DA Series
18-12-1222
Female terminals (3 per connector)
Red
Black
Green/Yellow
Compact RFI Line Filter with DC Inlet Connection
DA Series
212
DA Series
Corcom Product Guide
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
  


Similar Part No. - 6DAFP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6DAFP MACOM-6DAFP Datasheet
102Kb / 2P
Compact RFI Line Filter with DC Inlet Connector
6DAFP MACOM-6DAFP Datasheet
215Kb / 2P
Compact RFI Line Filter with DC Inlet Connection
More results

Similar Description - 6DAFP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PLF-3DZ2 ADAM-TECH-PLF-3DZ2 Datasheet
91Kb / 1P
EMI/RFI POWER LINE FILTERS INLET SOCKET WITH FLANGE MOUNTING
logo
Tyco Electronics
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
Compact RFI Filter with IEC Connectors
3DAF1 MACOM-3DAF1 Datasheet
102Kb / 2P
Compact RFI Line Filter with DC Inlet Connector
3DAF1 MACOM-3DAF1_11 Datasheet
215Kb / 2P
Compact RFI Line Filter with DC Inlet Connection
logo
TE Connectivity Ltd
DB8 TEC-DB8 Datasheet
362Kb / 3P
Compact RFI High Current DC Inlet Connection
logo
XP Power Limited
FASA XPPOWER-FASA Datasheet
633Kb / 3P
IEC Inlet with Line Filter
FCSS XPPOWER-FCSS Datasheet
474Kb / 3P
IEC Power Entry Inlet with Line Filter
FDMM XPPOWER-FDMM Datasheet
471Kb / 3P
IEC Power Inlet with Line Filter
FFSA XPPOWER-FFSA Datasheet
494Kb / 3P
IEC Power Entry Inlet with Line Filter
FGSM XPPOWER-FGSM Datasheet
532Kb / 3P
IEC Power Entry Inlet with Line Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com