Electronic Components Datasheet Search
  English  ▼

X  

EBP Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # EBP
Description  Low leakage current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EBP Datasheet(HTML) 3 Page - TE Connectivity Ltd

  EBP Datasheet HTML 1Page - TE Connectivity Ltd EBP Datasheet HTML 2Page - TE Connectivity Ltd EBP Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
23
EBP, EDP & EOP Series
PC Board Mountable General Purpose RFI Filters (continued)
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Performance Data (continued)
Typical Insertion Loss
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
1EDP
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
3EDP
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system















































































6EDP
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
10EDP
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
Differential Mode / Symmetrical (Line to Line)
1EOP
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
3EOP
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
6EOP
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
10EOP
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
















































 

  



























Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com