Electronic Components Datasheet Search
  English  ▼

X  

60DBPL3 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 60DBPL3
Description  Compact RFI High Current DC Inlet Connection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

60DBPL3 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  60DBPL3 Datasheet HTML 1Page - TE Connectivity Ltd 60DBPL3 Datasheet HTML 2Page - TE Connectivity Ltd 60DBPL3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB Series
Compact RFI High Current DC Inlet Filter (continued)
215
Corcom Product Guide
4
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Electrical Schematics
-VDC
(Black)
RTN
(Red)
DBF8
-VDC
(Black)
RTN
(Red)
DB8 & DBJ8
-VDC
(Black)
RTN
(Red)
DBX8
Case Styles
DBJ8
E
D
F
C
0.591
0.965
1.04 Max.
A
6.0 Min.
0.375
(ref)
Wire #6 AWG, 300V
Extra Flexible
IAW UL10198
(2 x)
Red (RTN)
Black (-VDC)
B
2.087
0.150 Connector Dia.
0.140 Can Dia.
Label
DB8 & DBF8
E
D
F
C
A
6.0 Min.
0.375
(ref)
Wire #6 AWG, 300V
Extra Flexible
IAW UL10198
(2 x)
Red (RTN)
Black (-VDC)
B
#4-40 Thread
(2x)
Label
#6-32 Thread
(4x)
0.423
0.277
0.297
DBX8
E
DF
C
A
6.0 Min.
0.375
(ref)
Wire #6 AWG, 300V
Extra Flexible
IAW UL10198
(2 x)
Red (RTN)
Black (-VDC)
B
#4-40 Thread
(2x)
Label
#6-32 Thread
(4x)
0.423
0.277
0.297
60DBPL
60DBRL
Available as connector only (shown)
or with pre-installed 6AWG 300V Extra Flexible wire



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com