Electronic Components Datasheet Search
  English  ▼

X  

FCD Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # FCD
Description  Insulated safety terminals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FCD Datasheet(HTML) 1 Page - TE Connectivity Ltd

  FCD Datasheet HTML 1Page - TE Connectivity Ltd FCD Datasheet HTML 2Page - TE Connectivity Ltd FCD Datasheet HTML 3Page - TE Connectivity Ltd FCD Datasheet HTML 4Page - TE Connectivity Ltd FCD Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FCD Series
118
FCD Series
3-phase Delta External Power Line Filter for Frequency Converters
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
• Suitable to meet the latest EMC standards
• Insulated safety terminals
• Suitable for EMC troubleshooting in the field
• Very high attenuation
• High insertion loss
• BS models optimized for very high insertion loss
• BS models suitable for infeed/regenerative (ER)
applications
• Touch safe terminals provide easy connections
and prevent inadvertent contact for safety in the
most demanding applications
Ordering Information
150 FCD 10 BS -95
Terminal Block Option
-95 – 95mm terminal block
available on 150A only
omit for standard terminals
Filter Type
B – Single stage
BS – High performance
Single stage.
Omit for dual stage
Input / Output Style
10 – Terminal Block
FCD Series
Current Rating
6, 12, 16, 25, 36, 50, 80, 110,
150, 180 or 230A
Specifications
Electrical Schematics
UL Recognized
6FCD10
Power line
Device
PE
PE
6FCD10
Maximum leakage current
voltage drop to virtual N to PE/V:
6FCD10:
.26 mA/V
12 & 16FCD10:
.45 mA/V
25, 36 & 50FCD10:
.52 mA/V
12 & 16FCD10B:
.46 mA/V
25& 36FCD10B:
.52 mA/V
50FCD10B:
.57 mA/V
80 & 110FCD10B:
.62 mA/V
150FCD10B:
.63 mA/V
180 & 230FCD10B:
.92 mA/V
FCD10BS:
3.25 mA/V
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
Phase to Phase:
480 VAC
Phase to Neutral / Ground:
277 VAC
Operating Frequency:
50/60 Hz
Rated Current:
6 to 230A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45


Similar Part No. - FCD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FCD04 LITTELFUSE-FCD04 Datasheet
65Kb / 2P
SURFACE MOUNT FUSES
FCD06 LITTELFUSE-FCD06 Datasheet
63Kb / 2P
SURFACE MOUNT FUSES
FCD12 LITTELFUSE-FCD12 Datasheet
65Kb / 2P
SURFACE MOUNT FUSES
logo
Fairchild Semiconductor
FCD1300N80Z FAIRCHILD-FCD1300N80Z Datasheet
887Kb / 10P
N-Channel SuperFET II MOSFET
logo
Inchange Semiconductor ...
FCD1300N80Z ISC-FCD1300N80Z Datasheet
353Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - FCD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
logo
MolexKits
76650-0047 MOLEXKITS-76650-0047 Datasheet
38Kb / 2P
Nylon Insulated Butt Splice Solderless Terminals
logo
List of Unclassifed Man...
11322 ETC2-11322 Datasheet
377Kb / 1P
KEYSTONE PTFE Insulated Terminals & Pins
logo
ITT Industries
086-115-60 ITT-086-115-60 Datasheet
786Kb / 5P
TECHNICAL DATA Press-Fit Insulated Terminals
logo
PANDUIT CORP.
PH14-6F-Q PANDUIT-PH14-6F-Q Datasheet
95Kb / 1P
HEAT SHRINK INSULATED FORK TERMINALS
logo
List of Unclassifed Man...
FDFD1-250 ETC2-FDFD1-250 Datasheet
136Kb / 3P
Insulated Crimp Terminals Metric
RB14-8FL ETC2-RB14-8FL Datasheet
402Kb / 1P
Nylon-Insulated Fork Terminals
logo
PANDUIT CORP.
PV12-10HDR-D PANDUIT-PV12-10HDR-D Datasheet
381Kb / 1P
RING TERMINALS, VINYL INSULATED, HEAVY DUTY
logo
List of Unclassifed Man...
FDD2-250 ETC2-FDD2-250 Datasheet
136Kb / 3P
Insulated Crimp Terminals Metric
RD8-14 ETC2-RD8-14 Datasheet
235Kb / 1P
Nylon-Insulated Ring Terminals
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com