Electronic Components Datasheet Search
  English  ▼

X  

LIB1000 Datasheet(PDF) 11 Page - LUXPIA

Part # LIB1000
Description  Pb-Free Reflow
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LIB1000 Datasheet(HTML) 11 Page - LUXPIA

Back Button LIB1000 Datasheet HTML 7Page - LUXPIA LIB1000 Datasheet HTML 8Page - LUXPIA LIB1000 Datasheet HTML 9Page - LUXPIA LIB1000 Datasheet HTML 10Page - LUXPIA LIB1000 Datasheet HTML 11Page - LUXPIA LIB1000 Datasheet HTML 12Page - LUXPIA LIB1000 Datasheet HTML 13Page - LUXPIA LIB1000 Datasheet HTML 14Page - LUXPIA LIB1000 Datasheet HTML 15Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
(Ver 1.0)
10/14
(4) Soldering Conditions
• The LEDs can be soldered in place using the reflow soldering method. Luxpia does not make any
guarantee on the LEDs after they have been assembled using the dip soldering method.
• Recommended soldering conditions
Reflow Soldering
Hand Soldering
pre-heat
pre-heat time
peak temperature
soldering time
condition
Lead Solder
Lead-free Solder
temperature
soldering time
350℃ max
3sec max
(one time only)
120~150℃
120sec max
240℃ max
10sec max
refer to profile ①
200~220℃
120sec max
260℃ max
5sec max
refer to profile ②
* After reflow soldering, rapid cooling should be avoided.
[temperature-profile (surface of circuit board)]
Use the conditions shown to the following figures.
<① : Lead Solder>
<② : Lead-free Solder>
Time [sec]
3~5℃/sec
260℃ Max
5sec Max
45sec
Max
Pre-heating
200~220℃
1~5℃/sec
120sec Max
Room Temp
T
e
m
p
℃
Time [sec]
2~3℃/sec
240℃ Max
10sec Max
60sec
Max
Pre-heating
120~150℃
2~5℃/sec
120sec Max
Room Temp
T
e
m
p
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com