Electronic Components Datasheet Search
  English  ▼

X  

2SC5127 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5127
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5127 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5127 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5127 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5127 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SC5127, 2SC5127A
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
s Features
q
High-speed switching
q
High collector to base voltage VCBO
q
Wide area of safe operation (ASO)
q
Full-pack package with outstanding insulation, which can be in-
stalled to the heat sink with one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
800
900
800
900
500
8
3.0
1.5
0.5
25
2
150
–55 to +150
Unit
V
V
V
V
A
A
A
W
˚C
˚C
2SC5127
2SC5127A
2SC5127
2SC5127A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 800V, IE = 0
VCB = 900V, IE = 0
VEB = 5V, IC = 0
IC = 10mA, IB = 0
VCE = 5V, IC = 0.1A
VCE = 5V, IC = 0.6A
IC = 0.6A, IB = 0.17A
IC = 0.6A, IB = 0.17A
VCE = 10V, IC = 0.1A, f = 1MHz
IC = 0.6A, IB1 = 0.17A, IB2 = – 0.34A,
VCC = 200V
min
500
15
8
typ
20
max
100
100
100
1.0
1.5
1.0
3.0
0.3
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
2SC5127
2SC5127A
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220E Full Pack Package
9.9
±0.3
23
1
4.6
±0.2
2.9
±0.2
2.6
±0.1
2.54
±0.2
0.75
±0.1
1.2
±0.15
5.08
±0.4
φ3.2±0.1
1.45
±0.15
0.7
±0.1
7
°


Similar Part No. - 2SC5127

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SC512 NJSEMI-2SC512 Datasheet
196Kb / 3P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR
logo
Hitachi Semiconductor
2SC5120 HITACHI-2SC5120 Datasheet
26Kb / 5P
High frequency amplifier
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
logo
Toshiba Semiconductor
2SC5122 TOSHIBA-2SC5122 Datasheet
131Kb / 2P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
08-Apr-1998
2SC5122 TOSHIBA-2SC5122 Datasheet
113Kb / 4P
Silicon NPN Triple Diffused Type
10-Nov-2006
More results

Similar Description - 2SC5127

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
Silicon NPN Triple Diffusion Planar Type
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com