Electronic Components Datasheet Search
  English  ▼

X  

2SC5785 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5785
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5785 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5785 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5785 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5785 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5785 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5785 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5785
2001-12-17
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5785
High-Speed Switching Applications
DC-DC Converter Applications
Strobe Applications
• High DC current gain: hFE = 400 to 1000 (IC = 0.2 A)
• Low collector-emitter saturation voltage: VCE (sat) = 0.12 V (max)
• High-speed switching: tf = 25 ns (typ.)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
7
V
DC
IC
2.0
Collector current
Pulse
ICP
3.5
A
Base current
IB
200
mA
t
= 10 s
2.0
Collector power
dissipation
DC
PC
(Note 1)
1.0
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Mounted on FR4 board (glass epoxy, 1.6 mm thick, Cu area:
645 mm
2)
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 20 V, IE = 0
100
nA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
10
V
hFE (1)
VCE = 2 V, IC = 0.2 A
400
1000
DC current gain
hFE (2)
VCE = 2 V, IC = 0.6 A
200
Collector-emitter saturation voltage
VCE (sat)
IC = 0.6 A, IB = 12 mA
0.12
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.6 A, IB = 12 mA
1.10
V
Rise time
tr
60
Storage time
tstg
215
Switching time
Fall time
tf
See Figure 1 circuit diagram.
VCC ∼− 6 V, RL = 10 Ω
IB1 = −IB2 = 12 mA
25
ns
Industrial Applications
Unit: mm
JEDEC
―
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


Similar Part No. - 2SC5785

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SC5785 TOSHIBA-2SC5785 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Nanjing International G...
2SC5785 DGNJDZ-2SC5785 Datasheet
1Mb / 3P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SC5785 KEXIN-2SC5785_15 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC5785

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5703 TOSHIBA-2SC5703 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5713 TOSHIBA-2SC5713 Datasheet
159Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5784 TOSHIBA-2SC5784 Datasheet
178Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5714 TOSHIBA-2SC5714 Datasheet
112Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
17-Dec-2001
2SC5174 TOSHIBA-2SC5174 Datasheet
172Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE
2SC6033 TOSHIBA-2SC6033 Datasheet
211Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
01-Jul-2004
TPCP8504 TOSHIBA-TPCP8504 Datasheet
224Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TPCP8701 TOSHIBA-TPCP8701 Datasheet
217Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TTC009 TOSHIBA-TTC009 Datasheet
178Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
TMBT3904 TOSHIBA-TMBT3904 Datasheet
243Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type
2018-05-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com