Electronic Components Datasheet Search
  English  ▼

X  

AE512 Datasheet(PDF) 2 Page - RFHIC

Part # AE512
Description  Lower manufacturing cost
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE512 Datasheet(HTML) 2 Page - RFHIC

  AE512 Datasheet HTML 1Page - RFHIC AE512 Datasheet HTML 2Page - RFHIC AE512 Datasheet HTML 3Page - RFHIC AE512 Datasheet HTML 4Page - RFHIC AE512 Datasheet HTML 5Page - RFHIC AE512 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E-pHEMT MMIC
AE512
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 6
Version 1.3
Application Circuit @ 30 ~ 1000MHz, 75ohm System, VDD=5V
Typical Performance @ VDD=5V, IDS=100mA, T=25℃, 75ohm System
PARAMETER
UNIT
TYPICAL
Frequency
MHz
30
500
1000
Gain(S21)
dB
16.9
16.9
16.9
Input Return Loss(S11)
dB
-9
-25
-20
Output Return Loss(S22)
dB
-11.5
-19
-14
Output IP3
dBm
31.5
34
33
1dB Compression Point
dBm
18.5
20
19.5
Noise Figure
dB
1.4
1.5
1.8
CSO*
dBc
-65
CTB*
dBc
-61
Current
mA
100
S-Parameter
0.2
0.4
0.6
0.8
1.0
0.0
1.2
0
5
10
15
20
-5
25
-20
-10
0
10
20
-30
30
Freq(GHz)
* 79channels_Flat, +30dBmV
Frequency vs. Noise Figure
Frequency vs. P1dB
0
1
2
3
4
5
30
200
400
600
800
1000
Freq(MHz)
15
17
19
21
23
25
30
200
400
600
800
1000
Freq(MHz)
S21
S22
S11



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com