Electronic Components Datasheet Search
  English  ▼

X  

IRLI520 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLI520
Description  Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI520 Datasheet(HTML) 1 Page - International Rectifier

  IRLI520 Datasheet HTML 1Page - International Rectifier IRLI520 Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRLI520N
PRELIMINARY
HEXFET® Power MOSFET
PD - 9.1496A
S
D
G
VDSS = 100V
RDS(on) = 0.18Ω
ID =8.1A
l Logic-Level Gate Drive
l Advanced Process Technology
l Isolated Package
l High Voltage Isolation = 2.5KVRMS
…
l Sink to Lead Creepage Dist. = 4.8mm
l Fully Avalanche Rated
TO-220 FULLPAK
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial applications.
The moulding compound used provides a high isolation
capability and a low thermal resistance between the tab
and external heatsink. This isolation is equivalent to using
a 100 micron mica barrier with standard TO-220 product.
The Fullpak is mounted to a heatsink using a single clip or
by a single screw fixing.
3/16/98
Description
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
5.0
RθJA
Junction-to-Ambient
–––
65
Thermal Resistance
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
8.1
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
5.7
A
IDM
Pulsed Drain Current
†
35
PD @TC = 25°C
Power Dissipation
30
W
Linear Derating Factor
0.20
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚†
85
mJ
IAR
Avalanche Current
†
6.0
A
EAR
Repetitive Avalanche Energy

3.0
mJ
dv/dt
Peak Diode Recovery dv/dt
Ġ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
°C/W


Similar Part No. - IRLI520

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLI520A ISC-IRLI520A Datasheet
274Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLI520G IRF-IRLI520G Datasheet
179Kb / 6P
HEXFET-R POWER MOSFET
logo
Vishay Siliconix
IRLI520G VISHAY-IRLI520G Datasheet
993Kb / 8P
Power MOSFET
05-Jun-08
logo
Inchange Semiconductor ...
IRLI520G ISC-IRLI520G Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRLI520GPBF VISHAY-IRLI520GPBF Datasheet
993Kb / 8P
Power MOSFET
05-Jun-08
More results

Similar Description - IRLI520

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com