Electronic Components Datasheet Search
  English  ▼

X  

3KP Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 3KP
Description  Excellent clamping capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

3KP Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  3KP Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 3KP Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 3KP Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 3KP Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3KP Series
Rev. 2.0, 23-Nov.-16
WWW.SEMITECH.CN
Electrical Specification (TA=25@25°C unless otherwise specified)
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
3KP5.0A
3KP5.0CA
5.0
6.40
7.00
50
9.2
326.1
5000
3KP6.0A
3KP6.0CA
6.0
6.67
7.37
50
10.3
291.3
5000
3KP6.5A
3KP6.5CA
6.5
7.22
7.98
50
11.2
267.9
2000
3KP7.0A
3KP7.0CA
7.0
7.78
8.60
50
12.0
250.0
1000
3KP7.5A
3KP7.5CA
7.5
8.33
9.21
5
12.9
232.6
250
3KP8.0A
3KP8.0CA
8.0
8.89
9.83
5
13.6
220.6
150
3KP8.5A
3KP8.5CA
8.5
9.44
10.40
5
14.4
208.3
50
3KP9.0A
3KP9.0CA
9.0
10.00
11.10
5
15.4
194.8
20
3KP10A
3KP10CA
10.0
11.10
12.30
5
17.0
176.5
15
3KP11A
3KP11CA
11.0
12.20
13.50
5
18.2
164.8
2
3KP12A
3KP12CA
12.0
13.30
14.70
5
19.9
150.8
2
3KP13A
3KP13CA
13.0
14.40
15.90
5
21.5
139.5
2
3KP14A
3KP14CA
14.0
15.60
17.20
5
23.2
129.3
2
3KP15A
3KP15CA
15.0
16.70
18.50
5
24.4
123.0
2
3KP16A
3KP16CA
16.0
17.80
19.70
5
26.0
115.4
2
3KP17A
3KP17CA
17.0
18.90
20.90
5
27.6
108.7
2
3KP18A
3KP18CA
18.0
20.00
22.10
5
29.2
102.7
2
3KP20A
3KP20CA
20.0
22.20
24.50
5
32.4
92.6
2
3KP22A
3KP22CA
22.0
24.40
26.90
5
35.5
84.5
2
3KP24A
3KP24CA
24.0
26.70
29.50
5
38.9
77.1
2
3KP26A
3KP26CA
26.0
28.90
31.90
5
42.1
71.3
2
3KP28A
3KP28CA
28.0
31.10
34.40
5
45.4
66.1
2
3KP30A
3KP30CA
30.0
33.30
36.80
5
48.4
62.0
2
3KP33A
3KP33CA
33.0
36.70
40.60
5
53.3
56.3
2
3KP36A
3KP36CA
36.0
40.00
44.20
5
58.1
51.6
2
3KP40A
3KP40CA
40.0
44.40
49.10
5
64.5
46.5
2
3KP43A
3KP43CA
43.0
47.80
52.80
5
69.4
43.2
2
3KP45A
3KP45CA
45.0
50.00
55.30
5
72.7
41.3
2
3KP48A
3KP48CA
48.0
53.30
58,90
5
77.4
38.8
2
3KP51A
3KP51CA
51.0
56.70
62.70
5
82.4
36.4
2
3KP54A
3KP54CA
54.0
60.00
66.30
5
87.1
34.4
2
3KP58A
3KP58CA
58.0
64.40
71.20
5
93.6
32.1
2
3KP60A
3KP60CA
60.0
66.70
73.70
5
96.8
31.0
2
3KP64A
3KP64CA
64.0
71.10
78.60
5
103.0
29.1
2
3KP70A
3KP70CA
70.0
77.80
86.00
5
113.0
26.5
2
3KP75A
3KP75CA
75.0
83.30
92.10
5
121.0
24.8
2
※
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
※
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com